Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 34 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 30Page - STMicroelectronics RM0312 Datasheet HTML 31Page - STMicroelectronics RM0312 Datasheet HTML 32Page - STMicroelectronics RM0312 Datasheet HTML 33Page - STMicroelectronics RM0312 Datasheet HTML 34Page - STMicroelectronics RM0312 Datasheet HTML 35Page - STMicroelectronics RM0312 Datasheet HTML 36Page - STMicroelectronics RM0312 Datasheet HTML 37Page - STMicroelectronics RM0312 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 275 page
background image
Flash program memory and data EEPROM
RM0312
34/275
DocID022352 Rev 3
Table 6. Memory access versus programming method(1)
Mode
ROP
Memory area
Access from
core
User mode, IAP, and
bootloader
Readout protection
enabled
Interrupt vectors except for TRAP
R/W(2)/E
TRAP
R/W(3)/E
Proprietary code area (PCODE)
R/E(6)
User boot code area (UBC)
R/E
Main program
R/W/E(4)
Data EEPROM area (DATA)
R/W(5)
Option bytes
R
Readout protection
disabled
Interrupt vectors except for TRAP
R/W(2)/E
TRAP
R/W(3)/E
Proprietary code area (PCODE)
R/E(6)
User boot code area (UBC)
R/E(7)
Main program
R/W/E(4)
Data EEPROM area (DATA)
R/W(5)
Option bytes
R/W(8)
SWIM active
(ICP mode)
Readout protection
enabled
Interrupt vectors except for TRAP
P
TRAP
P
Proprietary code area (PCODE)
P(6)
User boot code area (UBC)
P
Main program
P
Data EEPROM area (DATA)
P
Option bytes
P/WROP(9)
Readout protection
disabled
Interrupt vectors except for TRAP
R/W(2)/E
TRAP
R/W/E
Proprietary code area (PCODE)
R/E(6)
User boot code area (UBC)
R/E(7)
Main program
R/W/E(4)
Data EEPROM area (DATA)
R/W(5)
Option bytes
R/W(7)
1. R/W/E = Read, write, and execute
R/E = Read and execute (write operation forbidden)
R = Read (write and execute operations forbidden)
P = The area cannot be accessed (read, execute and write operations forbidden)
P/WROP = Protected, write forbidden except for ROP option byte.
2. When no UBC area has been defined, the interrupt vectors, except for TRAP, can be modified in user/IAP mode.
3. If a PCODE area has been defined, the TRAP vector cannot be modified in user and IAP mode, otherwise TRAP follows
the same rules as other interrupt vectors.
4. The Flash program memory is write protected (locked) until the correct MASS key is written in the FLASH_PUKR. It is
possible to lock the memory again by resetting the PUL bit in the FLASH_IAPSR register. Unlocking can only be done once
between two resets. If incorrect keys are provided, the device must be reset and new keys programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com