Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 99 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 95Page - STMicroelectronics RM0312 Datasheet HTML 96Page - STMicroelectronics RM0312 Datasheet HTML 97Page - STMicroelectronics RM0312 Datasheet HTML 98Page - STMicroelectronics RM0312 Datasheet HTML 99Page - STMicroelectronics RM0312 Datasheet HTML 100Page - STMicroelectronics RM0312 Datasheet HTML 101Page - STMicroelectronics RM0312 Datasheet HTML 102Page - STMicroelectronics RM0312 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 275 page
background image
DocID022352 Rev 3
99/275
RM0312
Independent watchdog (IWDG)
101
Timeout period
The maximum timeout period can be configured through the IWDG_PR and IWDG_RLR
registers. It is determined by the following equation:
where:
T = Maximum timeout period
TLSI = 1/fLSI
P = 2 (PR[2:0] + 2)
R = RLR[7:0]+1
The IWDG counter must be refreshed by software before this timeout period expires.
Otherwise, an IWDG reset will be generated after the following delay has elapsed since the
last refresh operation:
D = T + 3 x TLSI
where D= delay between the last refresh operation and the IWDG reset.
Using the IWDG in Halt/Active-halt mode
The IWDG can continue to work in Halt or Active-halt mode, depending on the configuration
of the IWDG_HALT option byte. In this case, it can wake up the device from one of these
modes. For more details, please refer to the Option Byte description in the datasheet.
Note:
The application must configure correctly the IWDG timeout and refresh the IWDG counter
before executing the HALT instruction, to avoid unexpected IWDG reset.
Table 29. Min/Max IWDG timeout (LSI clock frequency = 38 kHz)
Prescaler divider
PR[2:0] bits
Timeout (ms)
RL[7:0]= 0x00
RL[7:0]= 0xFF
/4
0
0.11
26.95
/8
1
0.21
53.89
/16
2
0.42
107.79
/32
3
0.84
215.58
/64
4
1.68
431.16
/128
5
3.37
862.32
/256
6
6.74
1724.63
TTLSI P
×
R
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com