Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 103 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 99Page - STMicroelectronics RM0312 Datasheet HTML 100Page - STMicroelectronics RM0312 Datasheet HTML 101Page - STMicroelectronics RM0312 Datasheet HTML 102Page - STMicroelectronics RM0312 Datasheet HTML 103Page - STMicroelectronics RM0312 Datasheet HTML 104Page - STMicroelectronics RM0312 Datasheet HTML 105Page - STMicroelectronics RM0312 Datasheet HTML 106Page - STMicroelectronics RM0312 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 275 page
background image
DocID022352 Rev 3
103/275
RM0312
Timer overview
170
16.2
Glossary of timer signal names
Table 33. Glossary of internal timer signals
Internal signal name
Description
Related figures
BI
Break interrupt
Figure 19: TIMx general block diagram on
page 106
CCiI, CC1I, CC2I, CC3I,
CC4I
Capture/compare interrupt
CK_CNT
Counter clock
Figure 23: Counter update when ARPE=0
(ARR not preloaded) with prescaler = 2 on
page 110
CK_PSC
Prescaler clock
CNT_EN
Counter enable
CNT_INIT
Counter initialize
Figure 32: TI2 external clock connection
example on page 116
ETR
External trigger from TIMx_ETR pin
Figure 34: External trigger input block on
page 117
ETRF
External trigger filtered
ETRP
External trigger prescaled
fMASTER
Timer peripheral clock from clock
controller (CLK)
Figure 12: Clock structure on page 61
ICi, IC1, IC2
Input capture
Figure 51: Input stage of TIM 1 channel 1 on
page 130
ICiPS, IC1PS, IC2PS
Input capture prescaled
ITRx, ITR1, ITR2, ITR3
Internal trigger input tied to TRGO of
other TIM timers
Figure 19: TIMx general block diagram on
page 106
MATCH1
Compare match
Figure 41: Trigger/master mode selection
blocks on page 122 and Section 17.7.2:
Control register 2 (TIMx_CR2) on page 145
OCi, OC1, OC2
Timer output channel
Figure 17.5.5: Forced output mode on
page 133
OCiREF, OC1REF,
OC2REF
Output compare reference signal
TGI
Trigger interrupt
Figure 30: Clock/trigger controller block
diagram on page 115
TIi, TI1, TI2
Timer input
Figure 51: Input stage of TIM 1 channel 1 on
page 130
TIiF, TI1F, TI2F
Timer input filtered
TI1F_ED
Timer input filtered edge detector
TIiFPx, TI1FP1,
TI1FP2, TI2FP1,
TI2FP2
Timer input filtered prescaled
TRC
Trigger capture
TRGI
Trigger input to clock/trigger/slave mode
controller
Figure 31: Control circuit in normal mode,
fMASTER divided by 1 on page 116
TRGO
Trigger output tied to trigger input ITRx of
other timers
Figure 19: TIMx general block diagram on
page 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com