Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 105 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 101Page - STMicroelectronics RM0312 Datasheet HTML 102Page - STMicroelectronics RM0312 Datasheet HTML 103Page - STMicroelectronics RM0312 Datasheet HTML 104Page - STMicroelectronics RM0312 Datasheet HTML 105Page - STMicroelectronics RM0312 Datasheet HTML 106Page - STMicroelectronics RM0312 Datasheet HTML 107Page - STMicroelectronics RM0312 Datasheet HTML 108Page - STMicroelectronics RM0312 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 275 page
background image
DocID022352 Rev 3
105/275
RM0312
16-bit general purpose timer (TIM2/TIM3)
170
17
16-bit general purpose timer (TIM2/TIM3)
17.1
Introduction
This chapter describes TIM2 and TIM3 which are identical timers and referred to as TIMx.
Each general purpose timer (TIMx) has a 16-bit up-down auto-reload counter driven by a
programmable prescaler.
In this section, the index i, may be 1 or 2 referring to the two capture/compare channels.
The timers may be used for a variety of purposes, including:
•
Time base generation
•
Measuring the pulse lengths of input signals (input capture)
•
Generating output waveforms (output compare, PWM and One Pulse Mode)
•
Interrupt capability on various events (capture, compare, overflow, break, trigger)
•
Synchronization with other timers or external signals (external clock, reset, trigger and
enable)
These timers are ideally suited for a wide range of control applications, including those
requiring center-aligned PWM capability.
The timer clock can be sourced from internal clocks or from an external source selectable
through a configuration register.
17.2
TIMx main features
TIMx features include:
•
16-bit up, down, up/down counter auto-reload counter.
•
3-bit programmable prescaler allowing the counter clock frequency to be divided “on
the fly” by any power of 2 between 1 and 128.
•
Synchronization circuit to control the timer with external signals and to interconnect
several timers.
•
2 independent channels that can alternately be configured as:
–
Input capture
–
Output compare
–
PWM generation (edge and center-aligned mode)
–
One Pulse Mode output
•
Break input to put the timer output signals in reset state or in a known state.
•
Interrupt generation on the following events:
–
Update: counter overflow/underflow, counter initialization (by software or
internal/external trigger)
–
Trigger event (counter start, stop, initialization or count by internal/external trigger)
–
Input capture
–
Output compare
–
Break input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com