Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 101 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 97Page - STMicroelectronics RM0312 Datasheet HTML 98Page - STMicroelectronics RM0312 Datasheet HTML 99Page - STMicroelectronics RM0312 Datasheet HTML 100Page - STMicroelectronics RM0312 Datasheet HTML 101Page - STMicroelectronics RM0312 Datasheet HTML 102Page - STMicroelectronics RM0312 Datasheet HTML 103Page - STMicroelectronics RM0312 Datasheet HTML 104Page - STMicroelectronics RM0312 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 275 page
background image
DocID022352 Rev 3
101/275
RM0312
Independent watchdog (IWDG)
101
15.3.3
Reload register (IWDG_RLR)
Address offset: 0x02
Reset value: 0xFF
15.3.4
IWDG register map and reset values
7
654
3210
RL[7:0]
rw
Bits 7:0 RL[7:0]: Watchdog counter reload value
These bits are write access protected (see Section 15.2). They are written by software to define the
value to be loaded in the watchdog counter each time the value 0xAA is written in the IWDG_KR
register. The watchdog counter counts down from this value. The timeout period is a function of this
value and the clock prescaler. Refer to Table 29.
Table 30. IWDG register map
Address
offset
Register
name
765
432
10
0x00
IWDG_KR
Reset value
KEY[7:0]
xxxxxxxx
0x01
IWDG_PR
Reset value
-
0
-
0
-
0
-
0
-
0
PR2[2:0]
000
0x02
IWDG_RLR
Reset value
RL7[7:0]
11111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com