Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 102 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 98Page - STMicroelectronics RM0312 Datasheet HTML 99Page - STMicroelectronics RM0312 Datasheet HTML 100Page - STMicroelectronics RM0312 Datasheet HTML 101Page - STMicroelectronics RM0312 Datasheet HTML 102Page - STMicroelectronics RM0312 Datasheet HTML 103Page - STMicroelectronics RM0312 Datasheet HTML 104Page - STMicroelectronics RM0312 Datasheet HTML 105Page - STMicroelectronics RM0312 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 275 page
background image
Timer overview
RM0312
102/275
DocID022352 Rev 3
16
Timer overview
The microcontroller has two types of TIM timers, two general purpose (TIM2/ TIM3), and
one basic timer (TIM4). They have different features but are based on a common
architecture. This makes it easier to design applications using the various timers (identical
register mapping, common basic features).
Although the timers do not share any resources, they can be linked together and
synchronized.
This section gives a comparison of the different timer features and glossary of internal timer
signal names.
Section 17: 16-bit general purpose timer (TIM2/TIM3) contains a full description of all the
various timer modes.
16.1
Timer feature comparison
Table 31. Timer characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
tw(ICAP)in
Input capture pulse time
2
tMASTER
tres(TIM)
Timer resolution time
1
tMASTER
ResTIM
Timer resolution with 16-bit counter
16
bit
Timer resolution with 8-bit counter
8
bit
tCOUNTER
Counter clock period when internal clock is
selected
1tMASTER
tMAX_COUNT
Maximum possible count with 16-bit counter
65,536
tMASTER
Maximum possible count with 8-bit counter
256
tMASTER
Table 32. Timer feature comparison
Timer
Counter
resol-
ution
Counter
type
Prescaler
factor
Capture/
compare
chan-
nels
Comple-
mentary
outputs
Repet-
ition
counter
External
trigger
input
External
break
input
Timer
synchr-
onization/
chaining
TIM2
& TIM3
(general
purpose
timers)
16-bit
Up/down
Any power of
2 from 1 to
128
2
None
No
11
Yes
TIM4
(basic
timer)
8-bit
Up
Any power of
2 from 1 to
32768
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com