Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 24 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 20Page - STMicroelectronics RM0312 Datasheet HTML 21Page - STMicroelectronics RM0312 Datasheet HTML 22Page - STMicroelectronics RM0312 Datasheet HTML 23Page - STMicroelectronics RM0312 Datasheet HTML 24Page - STMicroelectronics RM0312 Datasheet HTML 25Page - STMicroelectronics RM0312 Datasheet HTML 26Page - STMicroelectronics RM0312 Datasheet HTML 27Page - STMicroelectronics RM0312 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 275 page
background image
Single wire interface module (SWIM) and debug module (DM)
RM0312
24/275
DocID022352 Rev 3
3
Single wire interface module (SWIM) and debug
module (DM)
3.1
Introduction
In-circuit debugging mode or in-circuit programming mode are managed through a single
wire hardware interface featuring ultrafast memory programming. Coupled with an in-circuit
debugging module, it also offers a non-intrusive emulation mode, making the in-circuit
debugger extremely powerful, close in performance to a full-featured emulator.
3.2
Main features
•
Based on an asynchronous, high sink (8 mA), open-drain, bidirectional communication.
•
Allows reading or writing any part of memory space.
•
Access to CPU registers (A, X, Y, CC, SP). They are memory mapped for read or write
access.
•
Non intrusive read/write on the fly to the RAM and peripheral registers.
•
Device reset capability with status flag in the Reset status register (RST_SR).
SWIM pin can be used as a standard I/O with some restrictions if you also want to use it for
debug. The most secure way is to provide on the PCB a strap option.
Figure 3. SWIM pin connection
3.3
SWIM modes
After a power-on reset, the SWIM is reset and enters OFF mode.
1.
OFF: Default state after power-on reset. The SWIM pin cannot be used by the
application as an I/O.
2.
I/O: This state is entered by software writing to the SWD bit in the Global configuration
register (CFG_GCR). In this state, the SWIM pin can be used by the application as a
standard I/O pin. In case of a reset, the SWIM goes back to OFF mode.
3.
SWIM: This state is entered when a specific sequence is performed on the SWIM pin.
In this state, the SWIM pin is used by the host tool to control the STM8 with 3
commands (SRST system reset, ROTF read on the fly, WOTF write on the fly).
Note:
Refer to the STM8 SWIM communication Protocol and Debug Module User Manual for a
description of the SWIM and Debug module (DM) registers. Refer also to the Description of
global configuration register (CFG_GCR) on page 23.
MCU
SWIM/PA0
Jumper selection for
debug purposes
I/O for application
SWIM interface for tools



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com