Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 87 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 83Page - STMicroelectronics RM0312 Datasheet HTML 84Page - STMicroelectronics RM0312 Datasheet HTML 85Page - STMicroelectronics RM0312 Datasheet HTML 86Page - STMicroelectronics RM0312 Datasheet HTML 87Page - STMicroelectronics RM0312 Datasheet HTML 88Page - STMicroelectronics RM0312 Datasheet HTML 89Page - STMicroelectronics RM0312 Datasheet HTML 90Page - STMicroelectronics RM0312 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 275 page
background image
DocID022352 Rev 3
87/275
RM0312
Auto-wakeup (AWU)
92
Example 1
•
fLS = 38 kHz
•
Target time interval = 16 ms
The appropriate interval range is: 13.47 ms - 26.95 ms
so the AWUTB[3:0] value is 0x5.
The APRDIV value is:
16 ms = 24 x APRDIV / fLS => APRDIV = (16*10-3 x fLS ) / 24 = 38
so the APR[5:0] value is 38 (0x26)
Example 2
•
fLS = 38 kHz
•
Target time interval = 20 ms
The appropriate interval range is: 13.47 ms - 26.95 ms
So the AWUTB[3:0] value is 0x5.
The APRDIV value is:
20 ms = 24 x APRDIV / fLS => APRDIV = (20*10-3 x fLS) / 24 = 47.5
So the AWUTB[3:0] can be either 47 or 48 which gives a time base of 19.79 ms or 20.21 ms
respectively. This is not exactly 20 ms.
12.3.3
LSI clock frequency measurement
Due to the oscillator frequency dispersion, to obtain a precise AWU time interval or beeper
output, the exact LSI frequency has to be measured.
Use the following procedure:
1.
Set the MSR bit in the Control/status register (AWU_CSR) to connect the LSI clock
internally to a timer input capture.
2.
Measure the frequency of the LSI clock using the Timer input capture interrupt.
3.
Write the appropriate value in the APR [5:0] bits in the Asynchronous prescaler register
(AWU_APR) to adjust the AWU time interval to the desired length. The AWUTB[3:0]
bits can be modified to select different time intervals.
LSI clock frequency measurement can also be used to calibrate the beeper frequency (see
Section 13.2.2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com