Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 67 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 63Page - STMicroelectronics RM0312 Datasheet HTML 64Page - STMicroelectronics RM0312 Datasheet HTML 65Page - STMicroelectronics RM0312 Datasheet HTML 66Page - STMicroelectronics RM0312 Datasheet HTML 67Page - STMicroelectronics RM0312 Datasheet HTML 68Page - STMicroelectronics RM0312 Datasheet HTML 69Page - STMicroelectronics RM0312 Datasheet HTML 70Page - STMicroelectronics RM0312 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 275 page
background image
DocID022352 Rev 3
67/275
RM0312
Power management
74
9
Power management
By default, after a system or power reset, the microcontroller is in Run mode. In this mode
the CPU is clocked by fMASTER and executes the program code, while the system clock to
all peripherals is gated off by the peripheral clock gating system.
While in Run mode, still keeping the CPU running and executing code, the application has
several ways to reduce power consumption, such as:
Slowing down the system clock
Gating the clocks to individual peripherals when they are unused
Switching off any unused analog functions
However, when the CPU does not need to be kept running, three dedicated low power
modes can be used:
Wait (wait for interrupt and wait for event)
Active-halt
Halt
One of these three modes can be selected and configured to obtain the best compromise
between lowest power consumption, fastest startup time and available wakeup sources.
9.1
General considerations
Low power consumption features are generally very important for all types of application for
energy saving. Ultra low power features are especially important for mobile applications to
ensure long battery lifetimes. This is also crucial for environmental protection.
In a silicon chip there are two kind of consumption:
Static power consumption which is due to analog polarization and leakage.
Consumption due to leakage is so small that it is only significant in Halt and Active-halt
modes (Section 9.4: Low power modes).
Dynamic power consumption which comes from running the digital parts of the chip.
It depends on VDD, clock frequency and load capacitors.
In a microcontroller device the consumption depends on:
VDD supply voltage
MCU size or number of digital gates (leakages and load capacitors)
Clock frequency
Number of active peripherals
Available low power modes and low power levels
Device processing performance is also very important, as this allows the application to
minimize the time spent in Run mode and maximize the time in Low power mode.
Using the MCU’s flexible power management features, you can obtain a range of significant
power savings while the system is running or able to resume operations quickly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com