Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 61 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 57Page - STMicroelectronics RM0312 Datasheet HTML 58Page - STMicroelectronics RM0312 Datasheet HTML 59Page - STMicroelectronics RM0312 Datasheet HTML 60Page - STMicroelectronics RM0312 Datasheet HTML 61Page - STMicroelectronics RM0312 Datasheet HTML 62Page - STMicroelectronics RM0312 Datasheet HTML 63Page - STMicroelectronics RM0312 Datasheet HTML 64Page - STMicroelectronics RM0312 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 275 page
background image
DocID022352 Rev 3
61/275
RM0312
Clock control (CLK)
74
8
Clock control (CLK)
The clock controller is designed to be very robust and at the same time easy to use. Its
purpose is to obtain the best performance in the application while at the same time get the
full benefit of all the microcontroller power saving capabilities.
You can manage the clock distribution to the CPU and to the various peripherals, in order to
optimize the power consumption.
A safe and glitch-free switch mechanism allows you to switch the master clock division
factor on the fly, by means of clock prescaler.
Figure 12. Clock structure
HSI RC
16 MHz
LSI RC
38 kHz
/1
/2
/4
/8
fMASTER
fLSI
HSIDIV[1:0]
to Timers
Peripheral clock
& Independent watchdog (IWDG)
USART
I2C
SPI
AWU
LSI = Low Speed Internal clock signal
HSI = High Speed Internal clock signal
Legend:
CCO
Configurable clock output
CCOSEL[2:0]
Enable (8 bits)
to Auto-Wakeup unit (AWU),
fHSI
to CPU
Divider
fHSI/2
to SWIM
Single wire interface module (SWIM)
/2
WWDG
PXS
fMASTER
fMASTER/2
fMASTER/4
fMASTER/16
fHSI_PXS
fHSI_PXS/2
fHSI_PXS/4
fHSI_PXS/16
HSI_PXS
to analog PXS system
16 MHz
fHSI_PXS
HSI_PXS = High Speed Internal clock signal dedicated to analog ProxSense system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com