Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 83 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 79Page - STMicroelectronics RM0312 Datasheet HTML 80Page - STMicroelectronics RM0312 Datasheet HTML 81Page - STMicroelectronics RM0312 Datasheet HTML 82Page - STMicroelectronics RM0312 Datasheet HTML 83Page - STMicroelectronics RM0312 Datasheet HTML 84Page - STMicroelectronics RM0312 Datasheet HTML 85Page - STMicroelectronics RM0312 Datasheet HTML 86Page - STMicroelectronics RM0312 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 275 page
background image
DocID022352 Rev 3
83/275
RM0312
System configuration controller (SYSCFG)
83
11
System configuration controller (SYSCFG)
11.1
Introduction
The system configuration controller offers remapping capabilities of TIM3 channels on
different I/O ports. To use an alternate function, the corresponding peripheral must be
enabled in the peripheral registers. Alternate function remapping does not affect the GPIO
capabilities of the I/O ports (see Section 10: General purpose I/O ports (GPIO) on page 75).
Refer to Section 11.2: SYSCFG register for remapping capabilities on TIM3 channels.
11.2
SYSCFG register
11.2.1
SYSCFG remap control register 1 (SYSCFG_RMPCR1)
Address offset: 0x00 509E
Reset value: 0x00
11.2.2
SYSCFG register map and reset values
7
6
54
3210
Reserved
TIM3_CH2
TIM3_CH1
Reserved
rw
rw
Bits 7:4 Reserved
Bit 3 TIM3_CH2:
0: Timer3 channel2 mapped on PD[7]
1: Timer3 channel2 mapped on PA[2]
Bit 2 TIM3_CH1:
0: Timer3 channel1 mapped on PD[6]
1: Timer3 channel1 mapped on PA[1]
Bits 1:0 Reserved
Table 22. Register map
Offset
address
Register
name
7
65432
10
0x00
SYSCFG_RM
PCR1
Reset value
-
0
-
0
-
0
-
0
TIM3_CH2
0
TIM3_CH1
0
-
0
-
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com