Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 29 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 25Page - STMicroelectronics RM0312 Datasheet HTML 26Page - STMicroelectronics RM0312 Datasheet HTML 27Page - STMicroelectronics RM0312 Datasheet HTML 28Page - STMicroelectronics RM0312 Datasheet HTML 29Page - STMicroelectronics RM0312 Datasheet HTML 30Page - STMicroelectronics RM0312 Datasheet HTML 31Page - STMicroelectronics RM0312 Datasheet HTML 32Page - STMicroelectronics RM0312 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 275 page
background image
DocID022352 Rev 3
29/275
RM0312
Flash program memory and data EEPROM
39
Refer to the option byte section in the datasheet for more information on option bytes, and to
the STM8 SWIM protocol and debug module user manual (UM0470) for details on how to
program them.
4.5
Memory protection
4.5.1
Readout protection
Readout protection is selected by programming the ROP option byte to 0xAA. When
readout protection is enabled, reading or modifying the Flash program memory and DATA
area in ICP mode (using the SWIM interface) is forbidden, whatever the write protection
settings.
Even if no protection can be considered as totally unbreakable, the readout feature provides
a very high level of protection for a general purpose microcontroller.
The readout protection can be disabled on the program memory, UBC, PCODE and DATA
areas, by reprogramming the ROP option byte in ICP mode. In this case, the Flash program
memory, the DATA area and the option bytes are automatically erased and the device can
be reprogrammed.
By default, the PCODE area is always readout protected except for the interrupt vector
TRAP (see Section 4.4.1: Proprietary code area (PCODE)).
Refer to Table 6: Memory access versus programming method for details on memory
access when readout protection is enabled or disabled.
4.5.2
Memory access security system (MASS)
After reset, the main program and DATA areas (when they exist) are protected against
unintentional write operations. They must be unlocked before attempting to modify their
content. This unlock mechanism is managed by the memory access security system
(MASS).
The UBC area specified in the UBC option byte is always write protected (see Section 4.4.2:
User boot area (UBC)).
Once the memory has been modified, it is recommended to enable the write protection
again to protect the memory content against corruption.
Enabling write access to the main program memory
After a device reset, it is possible to disable the main program memory write protection by
writing consecutively two values called MASS keys to the FLASH_PUKR register (see
Section 4.8.3: Flash program memory unprotecting key register (FLASH_PUKR)). These
programmed keys are then compared to two hardware key values:
First hardware key: 0b0101 0110 (0x56)
Second hardware key: 0b1010 1110 (0xAE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com