Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0312 Datasheet(PDF) 225 Page - STMicroelectronics

Part # RM0312
Description  STM8TL5xxx microcontroller family
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0312 Datasheet(HTML) 225 Page - STMicroelectronics

Back Button RM0312 Datasheet HTML 221Page - STMicroelectronics RM0312 Datasheet HTML 222Page - STMicroelectronics RM0312 Datasheet HTML 223Page - STMicroelectronics RM0312 Datasheet HTML 224Page - STMicroelectronics RM0312 Datasheet HTML 225Page - STMicroelectronics RM0312 Datasheet HTML 226Page - STMicroelectronics RM0312 Datasheet HTML 227Page - STMicroelectronics RM0312 Datasheet HTML 228Page - STMicroelectronics RM0312 Datasheet HTML 229Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 275 page
background image
DocID022352 Rev 3
225/275
RM0312
Universal synchronous/asynchronous receiver transmitter (USART)
249
21.2
USART main features
•
Full duplex, asynchronous communications
•
NRZ standard format (Mark/Space)
•
High-precision baud rate generator system
–
Common programmable transmit and receive baud rates up to fMASTER/16
•
Programmable data word length (8 or 9 bits)
•
Configurable STOP bits - support for 1 or 2 STOP bits
•
Transmitter clock output for synchronous communication
•
Separate enable bits for Transmitter and Receiver
•
Transfer detection flags:
–
Receive buffer full
–
Transmit buffer empty
–
End of Transmission flags
•
Parity control:
–
Transmits parity bit
–
Checks parity of received data byte
•
4 error detection flags:
–
Overrun error
–
Noise error
–
Frame error
–
Parity error
•
5 interrupt sources with flags:
–
Transmit data register empty
–
Transmission complete
–
Receive data register full
–
Idle line received
–
Parity error
•
2 interrupt vectors:
–
Transmitter interrupt
–
Receiver interrupt
•
Reduced power consumption mode
•
Multi-Processor communication - enter into mute mode if address match does not
occur
•
Wakeup from mute mode (by idle line detection or address mark detection)
•
2 receiver wakeup modes:
–
Address bit (MSB)
–
Idle line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com