Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4228 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4228
Description  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 5Page - STMicroelectronics AN4228 Datasheet HTML 6Page - STMicroelectronics AN4228 Datasheet HTML 7Page - STMicroelectronics AN4228 Datasheet HTML 8Page - STMicroelectronics AN4228 Datasheet HTML 9Page - STMicroelectronics AN4228 Datasheet HTML 10Page - STMicroelectronics AN4228 Datasheet HTML 11Page - STMicroelectronics AN4228 Datasheet HTML 12Page - STMicroelectronics AN4228 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
DocID024110 Rev 5
9/90
AN4228
Boot mode compatibility
89
2
Boot mode compatibility
The way to select the boot mode on the STM32F3 series differs from STM32F1 series.
Instead of using two pins for this setting, STM32F3 series devices gets the nBOOT1 value
from an option bit located in the User option bytes at 0x1FFFF800 memory address.
Together with the BOOT0 pin, it selects the boot mode to the main Flash memory, the
SRAM or to the System memory. Table 6 summarizes the different configurations available
for selecting the Boot mode.
Note:
The BOOT1 value is the opposite of the nBOOT1 option bit.
Table 6. Boot modes
STM32F3/STM32F1
Boot mode selection
Boot mode
Aliasing
BOOT1
BOOT0
x
0
Main Flash memory
Main Flash memory is selected
as boot space
0
1
System memory
System memory is selected as
boot space
1
1
Embedded SRAM
Embedded SRAM is selected as
boot space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com