Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4228 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4228
Description  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 7Page - STMicroelectronics AN4228 Datasheet HTML 8Page - STMicroelectronics AN4228 Datasheet HTML 9Page - STMicroelectronics AN4228 Datasheet HTML 10Page - STMicroelectronics AN4228 Datasheet HTML 11Page - STMicroelectronics AN4228 Datasheet HTML 12Page - STMicroelectronics AN4228 Datasheet HTML 13Page - STMicroelectronics AN4228 Datasheet HTML 14Page - STMicroelectronics AN4228 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
DocID024110 Rev 5
11/90
AN4228
Peripheral migration
89
Table 7. STM32 peripheral compatibility analysis STM32F1 versus STM32F3 series
Peripheral
STM32F1
series
STM32F3
series
Compatibility
Feature
Pinout
FW driver
SPI
Yes
Yes++
Two FIFO available, 4-bit to 16-bit
data size selection
Identical
Partial compatibility
WWDG
Yes
Yes
Same features
NA
Full compatibility
IWDG
Yes
Yes+
Added a Window mode
NA
Full compatibility
DBGMCU
Yes
Yes
Same features
Identical
Full compatibility
CRC
Yes
Yes++
Added reverse capability and initial
CRC value
NA
Partial compatibility
EXTI
Yes
Yes+
Some peripherals are able to
generate event in stop mode
Identical
Full compatibility
CEC
Yes
Yes++
Kernel clock, arbitration lost flag and
automatic transmission retry, multi-
address config, wakeup from stop
mode
Identical
Partial compatibility
DMA
Yes
Yes
2 DMA controllers with 12 channels(1)
NA
Full compatibility
TIM
Yes
Yes+
Enhancement
Identical
Full compatibility
PWR
Yes
Yes+
VDDA can be higher than VDD, 1.8 V
mode for core, independent VDD for
SDADCs
Identical for
the same
feature
Partial compatibility
RCC
Yes
Yes+
-
PD0 & PD1
=> PF0 &
PF1 for the
oscillator
Partial compatibility
USART
Yes
Yes+
Choice for independent clock
sources, timeout feature, wakeup
from stop mode
Identical
Full compatibility
I2C
Yes
Yes++
Communication events managed by
HW, FM+, wakeup from stop mode,
digital filter
Identical
New driver
DAC
Yes
Yes+
DMA underrun interrupt
Identical
Full compatibility
ADC
Yes
Yes++
Same ADC or new fast ADCs
Identical
Partial compatibility
RTC
Yes
Yes++
Subsecond precision, digital
calibration circuit, time-stamp function
for event saving, programmable alarm
Identical for
the same
feature
New driver
FLASH
Yes
Yes+
Option byte modified
NA
Partial compatibility
GPIO
Yes
Yes++
New peripheral
New
GPIOs
Partial compatibility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com