Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4228 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4228
Description  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 29Page - STMicroelectronics AN4228 Datasheet HTML 30Page - STMicroelectronics AN4228 Datasheet HTML 31Page - STMicroelectronics AN4228 Datasheet HTML 32Page - STMicroelectronics AN4228 Datasheet HTML 33Page - STMicroelectronics AN4228 Datasheet HTML 34Page - STMicroelectronics AN4228 Datasheet HTML 35Page - STMicroelectronics AN4228 Datasheet HTML 36Page - STMicroelectronics AN4228 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
DocID024110 Rev 5
33/90
AN4228
Peripheral migration
89
3.14
I2C interface
The STM32F3 series embeds a new I2C peripheral versus the STM32F1 series. The
architecture, features and programming interface are different.
As a consequence, the STM32F3 series I2C programming procedures and registers are
different from those of the STM32F1 series, so any code written for the STM32F1 series
using the I2C needs to be rewritten to run on STM32F3 series.
The STM32F3 series I2C provides best-in-class new features:
Communication events managed by hardware.
Programmable analog and digital noise filters.
Independent clock source: HSI or SYSCLK.
Wake-up from STOP mode.
Fast mode + (up to 1MHz) with 20mA I/O output current drive.
7-bit and 10-bit addressing mode, multiple 7-bit slave address support with
configurable masks.
Address sequence automatic sending (both 7-bit and 10-bit) in master mode.
Automatic end of communication management in master mode.
Programmable Hold and Setup times.
Command and Data Acknowledge control.
For more information about STM32F3 I2C features, please refer to I2C chapter of
STM32F30/31xx and STM32F37/38xx Reference Manuals (RM0316 and RM0313).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com