Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4228 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4228
Description  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 24Page - STMicroelectronics AN4228 Datasheet HTML 25Page - STMicroelectronics AN4228 Datasheet HTML 26Page - STMicroelectronics AN4228 Datasheet HTML 27Page - STMicroelectronics AN4228 Datasheet HTML 28Page - STMicroelectronics AN4228 Datasheet HTML 29Page - STMicroelectronics AN4228 Datasheet HTML 30Page - STMicroelectronics AN4228 Datasheet HTML 31Page - STMicroelectronics AN4228 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
Peripheral migration
AN4228
28/90
DocID024110 Rev 5
The I/O pins are connected to on-chip peripherals/modules through a multiplexer that allows
only one peripheral alternate function to be connected to an I/O pin at a time. In this way,
there can be no conflict between peripherals sharing the same I/O pin. Each I/O pin has a
multiplexer with 16 alternate function inputs (AF0 to AF15) that can be configured through
the GPIOx_AFRL and GPIOx_AFRH registers: the peripheral alternate functions are
mapped by configuring AF0 to AF15.
In addition to this flexible I/O multiplexing architecture, each peripheral has alternate
functions mapped on different I/O pins to optimize the number of peripheral I/O functions for
different device packages. For example, the USART2_RX pin can be mapped on PA3 or
PA15 pin.
Note:
Please refer to the “Alternate function mapping” table in the STM32F3x datasheet for the
detailed mapping of the system and the peripheral alternate function I/O pins.
1.
Configuration procedure
–
Configure the desired I/O as an alternate function in the GPIOx_MODER register
–
Select the type, pull-up/pull-down and output speed via the GPIOx_OTYPER,
GPIOx_PUPDR and GPIOx_OSPEEDER registers, respectively
–
Connect the I/O to the desired AFx in the GPIOx_AFRL or GPIOx_AFRH register
3.8
EXTI source selection
In STM32F1 devices, the selection of the EXTI line source is performed through EXTIx bits
in AFIO_EXTICRx registers, while in STM32F3 series this selection is done through EXTIx
bits in SYSCFG_EXTICRx registers.
Only the mapping of the EXTICRx registers has been changed, without any changes to the
meaning of the EXTIx bits. However, the maximum range of EXTIx bit values is 0b0101 as
the last PORT is F (in STM32F1 series, the maximum value is 0b0110).
3.9
FLASH interface
The table below presents the difference between the FLASH interface of STM32F1 series
and STM32F3 series.
Table 15. FLASH differences between STM32F1 and STM32F3 series
Feature
STM32F1 series
STM32F3 series
Main/Program memory granularity
Page size = 2 Kbytes
except for Low and Medium
density page size = 1 Kbyte
Page size = 2 Kbytes
System memory
Start Address 0x1FFF F000
0x1FFF D800
End Address
0x1FFF F7FF
0x1FFF F7FF
Flash interface programming
procedure
Same for all product lines
Same as STM32F1 series for
Flash program and erase
operations. Different from
STM32F1 series for Option
byte programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com