Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4228 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4228
Description  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 25Page - STMicroelectronics AN4228 Datasheet HTML 26Page - STMicroelectronics AN4228 Datasheet HTML 27Page - STMicroelectronics AN4228 Datasheet HTML 28Page - STMicroelectronics AN4228 Datasheet HTML 29Page - STMicroelectronics AN4228 Datasheet HTML 30Page - STMicroelectronics AN4228 Datasheet HTML 31Page - STMicroelectronics AN4228 Datasheet HTML 32Page - STMicroelectronics AN4228 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
DocID024110 Rev 5
29/90
AN4228
Peripheral migration
89
3.10
SAR ADC interface
STM32F37xx ADC interface is identical to STM32F1xx, while a different ADC interface is
used in STM32F30xx devices.
The table below presents the differences between the ADC interface of STM32F1 series
and STM32F30x lines; these differences are the following:
New digital interface
New architecture and new features
Read Protection
Unprotection
Read protection disable
RDP = 0xA55A
Level 0 no protection
RDP = 0xAA
Protection
Read protection enable
RDP != 0xA55A
Level 1 memory protection
RDP != (Level 2 & Level 0)
Level 2: Lvl 1 + Debug
disabled
Write protection
Protection by 4-Kbyte block
Protection by a granularity of 2
pages
User Option bytes
STOP
STOP
STANDBY
STANDBY
WDG
WDG
NA
RAM_PARITY_CHECK
NA
VDDA_MONITOR
NA
nBOOT1
NA
SDADC12_VDD MONITOR
(available only on
STM32F37x)
Table 15. FLASH differences between STM32F1 and STM32F3 series (continued)
Feature
STM32F1 series
STM32F3 series
Table 16. ADC differences between STM32F1 series and STM32F30x lines
ADC
STM32F1 series STM32F30xxB/C
STM32F302x6/8/
STM32F301x6/8
STM32F303x6/8
STM32F30xxD/E
Instances
ADC1 / ADC2 /
ADC3
ADC1 / ADC2 /
ADC3 / ADC4
ADC1
ADC1 / ADC2
ADC1 / ADC2 /
ADC3 / ADC4
Maximum
sampling
frequency
1 MSPS
5.1 MSPS
5.1 MSPS
5.1 MSPS
5.1 MSPS
Number of
channels
Up to 21
Up to 39
+ 7 internal
Up to 15
+ 3 internal
Up to 21
+ 4 internal
Up to 40
+ 7 internal
Resolution
12 bits
Configurable to
12, 10, 8, and 6
bits
Configurable to
12, 10, 8, and 6
bits
Configurable to
12, 10, 8, and 6
bits
Configurable to
12, 10, 8, and 6
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com