Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4228 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4228
Description  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 16Page - STMicroelectronics AN4228 Datasheet HTML 17Page - STMicroelectronics AN4228 Datasheet HTML 18Page - STMicroelectronics AN4228 Datasheet HTML 19Page - STMicroelectronics AN4228 Datasheet HTML 20Page - STMicroelectronics AN4228 Datasheet HTML 21Page - STMicroelectronics AN4228 Datasheet HTML 22Page - STMicroelectronics AN4228 Datasheet HTML 23Page - STMicroelectronics AN4228 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 90 page
background image
Peripheral migration
AN4228
20/90
DocID024110 Rev 5
Table 10. Example of migrating system clock configuration code from STM32F100 to STM32F3xx
STM32F100 Value Line running at 24 MHz
(PLL as clock source) with 0 wait states
STM32F3xx running at 48 MHz
(PLL as clock source) with 1 wait state
/* Enable HSE -------------------------*/
RCC->CR |= ((uint32_t)RCC_CR_HSEON);
/* Wait till HSE is ready */
while((RCC->CR & RCC_CR_HSERDY) == 0)
{
}
/* Flash configuration --------------*/
/* Prefetch ON, Flash 0 wait state */
FLASH->ACR |= FLASH_ACR_PRFTBE |
FLASH_ACR_LATENCY_0;
/*AHB and APB prescaler configuration*/
/* HCLK = SYSCLK */
RCC->CFGR |=
(uint32_t)RCC_CFGR_HPRE_DIV1;
/* PCLK2 = HCLK */
RCC->CFGR |=
(uint32_t)RCC_CFGR_PPRE2_DIV1;
/* PCLK1 = HCLK */
RCC->CFGR |=
(uint32_t)RCC_CFGR_PPRE1_DIV1;
/* PLL configuration = (HSE / 2) * 6 =
24 MHz */
RCC->CFGR |=
(uint32_t)(RCC_CFGR_PLLSRC_PREDIV1 |
RCC_CFGR_PLLXTPRE_PREDIV1_Div2 |
RCC_CFGR_PLLMULL6);
/* Enable PLL */
RCC->CR |= RCC_CR_PLLON;
/* Wait till PLL is ready */
while((RCC->CR & RCC_CR_PLLRDY) == 0)
{
}
/* Select PLL as system clock source --*/
RCC->CFGR &=
(uint32_t)((uint32_t)~(RCC_CFGR_SW));
RCC->CFGR |= (uint32_t)RCC_CFGR_SW_PLL;
/* Wait till PLL is used as system clock
source */
while ((RCC->CFGR &
(uint32_t)RCC_CFGR_SWS) !=
(uint32_t)0x08)
{
}
/* Enable HSE -------------------------*/
RCC->CR |= ((uint32_t)RCC_CR_HSEON);
/* Wait till HSE is ready */
while((RCC->CR & RCC_CR_HSERDY) == 0)
{
}
/* Flash configuration ----------------*/
/* Prefetch ON, Flash 1 wait state */
FLASH->ACR |= FLASH_ACR_PRFTBE |
FLASH_ACR_LATENCY;
/* AHB and APB prescaler configuration-*/
/* HCLK = SYSCLK */
RCC->CFGR |=
(uint32_t)RCC_CFGR_HPRE_DIV1;
/* PCLK = HCLK */
RCC->CFGR |=
(uint32_t)RCC_CFGR_PPRE_DIV1;
/* PLL configuration = HSE * 6 = 48 MHz -*/
RCC->CFGR |=
(uint32_t)(RCC_CFGR_PLLSRC_PREDIV1 |
RCC_CFGR_PLLXTPRE_PREDIV1 |
RCC_CFGR_PLLMULL6);
/* Enable PLL */
RCC->CR |= RCC_CR_PLLON;
/* Wait till PLL is ready */
while((RCC->CR & RCC_CR_PLLRDY) == 0)
{
}
/* Select PLL as system clock source ---*/
RCC->CFGR |= (uint32_t)RCC_CFGR_SW_PLL;
/* Wait till PLL is used as system clock
source */
while ((RCC->CFGR &
(uint32_t)RCC_CFGR_SWS) !=
(uint32_t)RCC_CFGR_SWS_PLL)
{
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com