Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4228 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4228
Description  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 18Page - STMicroelectronics AN4228 Datasheet HTML 19Page - STMicroelectronics AN4228 Datasheet HTML 20Page - STMicroelectronics AN4228 Datasheet HTML 21Page - STMicroelectronics AN4228 Datasheet HTML 22Page - STMicroelectronics AN4228 Datasheet HTML 23Page - STMicroelectronics AN4228 Datasheet HTML 24Page - STMicroelectronics AN4228 Datasheet HTML 25Page - STMicroelectronics AN4228 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 90 page
background image
Peripheral migration
AN4228
22/90
DocID024110 Rev 5
3.4.3
Peripheral clock configuration
Some peripherals have a dedicated clock source independent from the system clock, and
used to generate the clock required for them to operate:
ADC
In STM32F30xx devices, the ADC features two possible clock sources:
–
The ADC clock can be derived from the PLL output. It can reach 72 MHz and can
be divided by the following prescalers values: 1, 2, 4, 6, 8, 10, 12, 16, 32, 64, 128,
or 256. It is asynchronous to the AHB clock
–
The ADC clock can also be derived from the AHB clock of the ADC bus interface,
divided by a programmable factor (1, 2 or 4). When the programmable factor is 1,
the AHB prescaler must be equal to '1'.
SDADC
STM32F37xx SDADC clock source is derived from the system clock divided by a wide
range of prescalers, ranging from 2 to 48.
RTC
In STM32F3 series, the RTC features three possible clock sources:
–
The first one is based on the HSE Clock; a prescaler divides its frequency by 32
before going to the RTC
–
The second one is the LSE oscillator
–
The third clock source is the LSI RC with a value of 40 kHz.
TIMx
The timers clock frequencies are automatically defined by hardware. There are two
cases:
–
If the APB prescaler equals 1, the timer clock frequencies are set to the same
frequency as that of the APB domain
–
Otherwise, they are set to twice (×2) the frequency of the APB domain.
PLL clock source
A clock issued from the PLL (PLLCLKx2) can be selected for TIMx (x = 1, 8 on the
STM32F303xB/C, x = 1 on the STM32F303x6/8, x = 1, 15, 16, 17 on the
STM32F302/301x6/8), x = 1,2,3,4,8,15,16,17,20 in the STM32F303xD/E.
This configuration allows to feed TIMx with a frequency up to 144 MHz when the
system clock source is the PLL. In this configuration:
–
On the STM32F303/302xB/C, AHB and APB2 prescalers are set to 1 i.e. AHB and
APB2 clocks are not divided with respect to the system clock
–
On the STM32F303/302/301x6/8 and STM32F302/303xD/E, AHB or APB2
subsystem clocks are not divided by more than 2 cumulatively with respect to the
system clock.
I2S
In STM32F30xx devices, the I2S features 2 possible clock sources:
–
The first one is the System clock
–
The second one comes from the external clock provided on I2S_CKIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com