Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4228 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN4228
Description  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 28Page - STMicroelectronics AN4228 Datasheet HTML 29Page - STMicroelectronics AN4228 Datasheet HTML 30Page - STMicroelectronics AN4228 Datasheet HTML 31Page - STMicroelectronics AN4228 Datasheet HTML 32Page - STMicroelectronics AN4228 Datasheet HTML 33Page - STMicroelectronics AN4228 Datasheet HTML 34Page - STMicroelectronics AN4228 Datasheet HTML 35Page - STMicroelectronics AN4228 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
Peripheral migration
AN4228
32/90
DocID024110 Rev 5
3.12
Real-time clock (RTC) interface
The STM32F3 series embeds a new RTC peripheral versus the STM32F1 series. The
architecture, features and programming interface are different.
As a consequence, the STM32F3 series RTC programming procedures and registers are
different from those of the STM32F1 series, so any code written for the STM32F1 series
using the RTC needs to be rewritten to run on STM32F3 series.
The STM32F3 series RTC provides best-in-class features:
BCD timer/counter
Time-of-day clock/calendar featuring subsecond precision with programmable daylight
saving compensation
Two programmable alarms
Digital calibration circuit
Time-stamp function for event saving
Accurate synchronization with an external clock using the subsecond shift feature.
STM32F30xx/STM32F37xx feature 16 and 32 backup registers, respectively (64 and
128 bytes) which are reset when a tamper detection event occurs
For more information about STM32F3’s RTC features, please refer to RTC chapter of
STM32F30/31xx and STM32F37/38xx Reference Manuals (RM0316 and RM0313).
For advanced information about the RTC programming, please refer to Application Note
AN3371 Using the STM32 HW real-time clock (RTC).
3.13
SPI interface
The STM32F3 series embeds a new SPI peripheral versus the STM32F1 series. The
architecture, features and programming interface are modified to introduce new capabilities.
As a consequence, the STM32F3 series SPI programming procedures and registers are
similar to those of the STM32F1 series but with new features. The code written for the
STM32F1 series using the SPI needs little rework to run on STM32F3 series, if it did not use
new capabilities.
The STM32F3 series SPI provides best-in-class added features:
Enhanced NSS control - NSS pulse mode (NSSP) and TI mode
Programmable data frame length from 4-bit to 16-bit
Two 32-bit Tx/Rx FIFO buffers with DMA capability and data packing access for frames
fitted into one byte (up to 8-bit)
8-bit or 16-bit CRC calculation length for 8-bit and 16-bit data.
Furthermore, the SPI peripheral, available in the STM32F3 series, fixes the CRC limitation
present in the STM32F1 series. For more information about STM32F3 SPI features, please
refer to SPI chapter of STM32F30/31xx and STM32F37/38xx Reference Manuals (RM0316
and RM0313).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com