Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4228 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4228
Description  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 8Page - STMicroelectronics AN4228 Datasheet HTML 9Page - STMicroelectronics AN4228 Datasheet HTML 10Page - STMicroelectronics AN4228 Datasheet HTML 11Page - STMicroelectronics AN4228 Datasheet HTML 12Page - STMicroelectronics AN4228 Datasheet HTML 13Page - STMicroelectronics AN4228 Datasheet HTML 14Page - STMicroelectronics AN4228 Datasheet HTML 15Page - STMicroelectronics AN4228 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
Peripheral migration
AN4228
12/90
DocID024110 Rev 5
Note:
Yes++ = New feature or new architecture
Yes+ = Same feature, but specification change or enhancement
Yes = Feature available
NA = Feature not available
CAN
Yes
Yes
In STM32F303/302xB/C, 512 bytes
SRAM is not shared with USB.
In STM32F302x6/x8 and
STM32F30xxD/E, 256 bytes shared
SRAM with USB.
Identical
Full compatibility
USB FS
Device
Yes
Yes
In STM32F303/302xB/C, 512 bytes
SRAM is not shared with CAN.
In STM32F302x6/x8 and
STM32F30xxD/E, 726 bytes
dedicated SRAM and 256 bytes
shared SRAM with CAN i.e. 1Kbytes
dedicated SRAM in case CAN is
disabled.
Identical
Full compatibility for
SM32F303/302xB/C.
Partial compatibility
for STM32F302x6/x8
and STM32F30xxD/E
as the USB is
modified compared to
STM32F1/F30xxB/C,
comes with LPM
support and has 726
bytes dedicated
SRAM and 256 bytes
shared SRAM with
CAN, or 1Kbytes
dedicated SRAM in
case CAN is
disabled.
Ethernet
Yes
NA
NA
NA
NA
SDIO
Yes
NA
NA
NA
NA
FMC
Yes
Yes
Available only on the
STM32F30xxD/E.
Identical
Full compatibility.
Touch
Sensing
NA
Yes
NA
NA
NA
COMP
NA
Yes
NA
NA
NA
OPAMP(2)
NA
Yes
NA
NA
NA
SYSCFG
NA
Yes
NA
NA
NA
SDADC(3)
NA
Yes
NA
NA
NA
1.
In the In the STM32F303/302/301x6/x8, one DMA controller is available, with 7 channels
2.
The OPAMP is available only on STM32F30xx/F358x.
3.
The SDADC is available only on STM32F37xx/F378x.
Table 7. STM32 peripheral compatibility analysis STM32F1 versus STM32F3 series (continued)
Peripheral
STM32F1
series
STM32F3
series
Compatibility
Feature
Pinout
FW driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com