Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4228 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4228
Description  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 26Page - STMicroelectronics AN4228 Datasheet HTML 27Page - STMicroelectronics AN4228 Datasheet HTML 28Page - STMicroelectronics AN4228 Datasheet HTML 29Page - STMicroelectronics AN4228 Datasheet HTML 30Page - STMicroelectronics AN4228 Datasheet HTML 31Page - STMicroelectronics AN4228 Datasheet HTML 32Page - STMicroelectronics AN4228 Datasheet HTML 33Page - STMicroelectronics AN4228 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 90 page
background image
Peripheral migration
AN4228
30/90
DocID024110 Rev 5
Note:
On STM32F37xxx, the ADC channels mapping is the same as in STM32F10xxx.
Conversion
modes
Single /
continuous / scan
/ discontinuous /
dual mode
Single /
continuous / scan
/ discontinuous /
dual mode
Single /
continuous / scan
/ discontinuous
mode
Single /
continuous / scan
/ discontinuous /
dual mode
Single /
continuous / scan
/ discontinuous /
dual mode
Supply
requirement
2.4 V to 3.6 V
2.0 to 3.6 V
2.0 to 3.6 V
2.0 to 3.6 V
2.0 to 3.6 V
Table 16. ADC differences between STM32F1 series and STM32F30x lines (continued)
ADC
STM32F1 series STM32F30xxB/C
STM32F302x6/8/
STM32F301x6/8
STM32F303x6/8
STM32F30xxD/E
Table 17. ADC channels mapping differences
STM32F103xx
STM32F303xB/C/D/E
STM32F302/301x6/8
STM32F303x6/8
PA0
ADC123_IN0
ADC1_IN1
ADC1_IN1
ADC1_IN1
PA1
ADC123_IN1
ADC1_IN2
ADC1_IN2
ADC1_IN2
PA2
ADC123_IN2
ADC1_IN3
ADC1_IN3
ADC1_IN3
PA3
ADC123_IN3
ADC1_IN4
ADC1_IN4
ADC1_IN4
PA4
ADC12_IN4
ADC2_IN1
ADC1_IN5
ADC2_IN1
PA5
ADC12_IN5
ADC2_IN2
-
ADC2_IN2
PC0
ADC123_IN10
ADC12_IN6
ADC1_IN6
ADC12_IN6
PC1
ADC123_IN11
ADC12_IN7
ADC1_IN7
ADC12_IN7
PC2
ADC123_IN12
ADC12_IN8
ADC1_IN8
ADC12_IN8
PC3
ADC123_IN13
ADC12_IN9
ADC1_IN9
ADC12_IN9
PC4
ADC12_IN14
ADC2_IN5
-
ADC2_IN5
PC5
ADC12_IN15
ADC2_IN11
-
ADC2_IN11
PA6
ADC12_IN6
ADC2_IN3
ADC1_IN10
ADC2_IN3
PB0
ADC12_IN8
ADC3_IN12
ADC1_IN11
ADC1_IN11
PB1
ADC12_IN9
ADC3_IN14
ADC1_IN12
ADC1_IN12
PB2
-
ADC2_IN12
-
ADC2_IN12
PB11
-
ADC12_IN14(1)
1.
Only on STM32F303/302xD/E.
ADC1_IN14
-
PB12
-
ADC2_IN13
-
ADC2_IN13
PB13
-
ADC3_IN5
ADC1_IN13
ADC1_IN13
PB14
-
ADC4_IN4
-
ADC2_IN14
PB15
-
ADC4_IN5
-
ADC2_IN15
PA7
ADC12_IN7
ADC2_IN4
ADC1_IN15
ADC2_IN4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com