Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4228 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4228
Description  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 14Page - STMicroelectronics AN4228 Datasheet HTML 15Page - STMicroelectronics AN4228 Datasheet HTML 16Page - STMicroelectronics AN4228 Datasheet HTML 17Page - STMicroelectronics AN4228 Datasheet HTML 18Page - STMicroelectronics AN4228 Datasheet HTML 19Page - STMicroelectronics AN4228 Datasheet HTML 20Page - STMicroelectronics AN4228 Datasheet HTML 21Page - STMicroelectronics AN4228 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 90 page
background image
Peripheral migration
AN4228
18/90
DocID024110 Rev 5
In addition to the differences described in the table above, the following additional
adaptation steps may be needed for the migration:
System clock configuration
Peripheral access configuration
Peripheral clock configuration
3.4.1
System clock configuration
When moving from STM32F1 series to STM32F3 series, only a few settings need to be
updated in the system clock configuration code; mainly the Flash settings (configure the
right wait states for the system frequency, prefetch enable/disable) or/and the PLL
parameters configuration:
If HSE or HSI is used directly as the system clock source, only the Flash parameters
should be modified.
If PLL (clocked by HSE or HSI) is used as the system clock source, the Flash
parameters and PLL configuration need to be updated.
Table 10 below provides an example of how to port a system clock configuration from
STM32F1 to STM32F3 series:
STM32F100xx value line running at maximum performance: system clock at 24 MHz
(PLL, clocked by the HSE (8 MHz), used as the system clock source), Flash with 0 wait
states and Flash prefetch queue enabled.
STM32F3 series running at maximum performance: system clock at 72 MHz (PLL,
clocked by the HSE (8 MHz), used as the system clock source), Flash with 2 wait
states and Flash prefetch enabled.
Note:
In STM32F30xxD/E, we can reach the maximum system clock 72 MHz when PLL is system
clock source and PLL clock source is the HSI. In STM32F1 and other STM32F3 series
devices, when PLL clock source is the HSI, the maximum system clock value is 64 MHz.
As shown in Table 10, only the Flash settings and PLL parameters (code in Bold Italic)
need to be rewritten to run on STM32F3 series. However, HSE, AHB prescaler and the
MCO clock
source
MCO pin (PA8):
– Connectivity line: HSI, HSE,
PLLCLK/2, SYSCLK, PLL2, PLL3
or XT1
– Other product lines: HSI, HSE,
PLLCLK/2 or SYSCLK
STM32F302/303xB/C and STM32F37x:
SYSCLK, HSI, HSE, PLLCLK/2, LSE, LSI.
STM32F302/301/303x6/x8: SYSCLK, HSI,
HSE, PLLCLK/2 or PLLCLK, LSE, LSI; with
the possibility to reduce MCO frequency by
a configurable divider.
Internal
oscillator
measurement /
calibration
LSI connected to TIM5 CH4 IC: can
measure LSI with respect to HSI/HSE
clock
– LSE & LSI clocks are indirectly measured
through MCO by TIM16 timer
(STM32F30/31xx) and TIM14
(STM32F37/38xx) with respect to
HSI/HSE clock
– HSE are indirectly measured through
MCO using TIM16 timer
(STM32F30/31xx) and TIM14
(STM32F37/38xx) channel 1 input capture
with respect to HSI clock.
Table 9. RCC differences between STM32F1 and STM32F3 series (continued)
RCC
STM32F1 series
STM32F3 series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com