Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4228 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4228
Description  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 23Page - STMicroelectronics AN4228 Datasheet HTML 24Page - STMicroelectronics AN4228 Datasheet HTML 25Page - STMicroelectronics AN4228 Datasheet HTML 26Page - STMicroelectronics AN4228 Datasheet HTML 27Page - STMicroelectronics AN4228 Datasheet HTML 28Page - STMicroelectronics AN4228 Datasheet HTML 29Page - STMicroelectronics AN4228 Datasheet HTML 30Page - STMicroelectronics AN4228 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 90 page
background image
DocID024110 Rev 5
27/90
AN4228
Peripheral migration
89
written for the STM32F1 series using the GPIO needs to be rewritten to run on STM32F3
series.
For more information about STM32F3 GPIO programming and usage, please refer to the
“I/O pin multiplexer and mapping” section in the GPIO chapter of the STM32F3xx reference
manuals (RM0313 and RM0316).
The table below presents the differences between GPIOs in the STM32F1 series and
STM32F3 series.
3.7.1
Alternate function mode
STM32F1 series
The configuration to use an I/O as an alternate function depends on the peripheral mode
used. For example, the USART Tx pin should be configured as an alternate function push-
pull, while the USART Rx pin should be configured as input floating or input pull-up.
To optimize the number of peripheral I/O functions for different device packages (especially
those with a low pin count), it is possible to remap some alternate functions to other pins by
software. For example, the USART2_RX pin can be mapped on PA3 (default remap) or PD6
(by software remap).
STM32F3 series
Whatever the peripheral mode used, the I/O must be configured as an alternate function,
then the system can use the I/O in the proper way (input or output).
Table 14. GPIO differences between STM32F1 and STM32F3 series
GPIO
STM32F1 series
STM32F3 series
General
purpose
output
PP
OD
PP
PP + PU
PP + PD
OD
OD + PU
OD + PD
Alternate
function
output
PP
OD
PP
PP + PU
PP + PD
OD
OD + PU
OD + PD
Alternate
function
selection
To optimize the number of peripheral I/O
functions for different device packages, it
is possible to remap some alternate
functions to some other pins (software
remap).
Highly flexible pin multiplexing allows no
conflict between peripherals sharing the
same I/O pin.
Max IO
toggle
frequency
18 MHz
36 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com