Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4228 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4228
Description  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 13Page - STMicroelectronics AN4228 Datasheet HTML 14Page - STMicroelectronics AN4228 Datasheet HTML 15Page - STMicroelectronics AN4228 Datasheet HTML 16Page - STMicroelectronics AN4228 Datasheet HTML 17Page - STMicroelectronics AN4228 Datasheet HTML 18Page - STMicroelectronics AN4228 Datasheet HTML 19Page - STMicroelectronics AN4228 Datasheet HTML 20Page - STMicroelectronics AN4228 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 90 page
background image
DocID024110 Rev 5
17/90
AN4228
Peripheral migration
89
3.4
Reset and clock controller (RCC) interface
The main differences related to the RCC (Reset and clock controller) in the STM32F3 series
versus STM32F1 series are presented in Table 9.
CAN2
NA
NA
NA
NA
APB1
0x40006 800
CAN1
APB1
0x4000 6400
APB1
0x4000 6400
0x4000 6400
UART5
0x4000 5000
NA
NA
0x40005000
UART4
0x4000 4C00
NA
NA
0x40004C00
I2S2ext
0x4000 4000
NA
NA
NA
TIM13
NA
NA
APB1
0x4000 1C00
0x4000 1C00
TIM12
NA
NA
0x4000 1800
0x4000 1800
TIM5
NA
NA
0x4000 0C00
0x40000 C00
BKP registers
NA
NA
NA
NA
0x4000 6C00
AFIO
NA
NA
NA
NA
APB2
0x4001 0000
1.
NA = not applicable
Table 8. IP bus mapping differences between STM32F3 and STM32F1 series(1) (continued)
Peripheral
STM32F30xx
STM32F37x
STM32F1 series
Bus
Base
address
Bus
Base
address
Bus
Base address
Table 9. RCC differences between STM32F1 and STM32F3 series
RCC
STM32F1 series
STM32F3 series
HSE
3 - 25 MHz depending on the product
line used
4 - 32 MHz
PLL
– Connectivity line: main PLL +
2 PLLs for I2S, Ethernet and OTG
FS clock
– Other product lines: main PLL
Main PLL
RTC clock
source
LSI, LSE or HSE/128
LSI, LSE or HSE clock divided by 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com