Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4228 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4228
Description  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 27Page - STMicroelectronics AN4228 Datasheet HTML 28Page - STMicroelectronics AN4228 Datasheet HTML 29Page - STMicroelectronics AN4228 Datasheet HTML 30Page - STMicroelectronics AN4228 Datasheet HTML 31Page - STMicroelectronics AN4228 Datasheet HTML 32Page - STMicroelectronics AN4228 Datasheet HTML 33Page - STMicroelectronics AN4228 Datasheet HTML 34Page - STMicroelectronics AN4228 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 90 page
background image
DocID024110 Rev 5
31/90
AN4228
Peripheral migration
89
3.11
PWR interface
In STM32F3 series the PWR controller presents some differences vs. STM32F1 series,
these differences are summarized in the table below. However, the programming interface is
unchanged.
Table 18. PWR differences between STM32F1 and STM32F3 series
PWR
STM32F1 series
STM32F3 series
Power supplies
–VDD = 2.0 to 3.6 V: external power supply
for I/Os and the internal regulator.
Provided externally through VDD pins.
–VSSA, VDDA = 2.0 to 3.6 V: external
analog power supplies for ADC, Reset
blocks, RCs and PLL. VDDA and VSSA
must be connected to VDD and VSS,
respectively.
–VBAT = 1.8 to 3.6 V: power supply for
RTC, external clock 32 kHz oscillator and
backup registers (through power switch)
when VDD is not present.
–VDD = 2.0 to 3.6 V: external power supply for
I/Os and the internal regulator. Provided
externally through VDD pins.
–VSSA, VDDA = 2.0 to 3.6 V: external analog
power supplies for ADC, DAC, Reset blocks,
RCs and PLL. VSSA must be connected to VSS.
–VBAT = 1.65 to 3.6 V: power supply for RTC,
external clock 32 kHz oscillator and backup
registers (through power switch) when VDD is
not present.
–VSSSD, VDDSDx = 2.0 to 3.6V: external analog
power supplies for SDADCx peripherals and
some GPIOs (STM32F37xx only).
Battery backup
domain
– Backup registers
–RTC
–LSE
– PC13 to PC15 I/Os
– Backup registers
–RTC
–LSE
– RCC Backup Domain Control Register
Wake-up
sources
Standby mode
– WKUP pin rising edge
Standby mode
– WKUP1, WKUP2 or WKUP3 pin rising edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com