Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4228 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN4228
Description  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 41Page - STMicroelectronics AN4228 Datasheet HTML 42Page - STMicroelectronics AN4228 Datasheet HTML 43Page - STMicroelectronics AN4228 Datasheet HTML 44Page - STMicroelectronics AN4228 Datasheet HTML 45Page - STMicroelectronics AN4228 Datasheet HTML 46Page - STMicroelectronics AN4228 Datasheet HTML 47Page - STMicroelectronics AN4228 Datasheet HTML 48Page - STMicroelectronics AN4228 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 90 page
background image
DocID024110 Rev 5
45/90
AN4228
Firmware migration using the library
89
EXTI_InitStructure.EXTI_Line = EXTI_Line0;
EXTI_InitStructure.EXTI_Mode = EXTI_Mode_Interrupt;
EXTI_InitStructure.EXTI_Trigger = EXTI_Trigger_Falling;
EXTI_InitStructure.EXTI_LineCmd = ENABLE;
EXTI_Init(&EXTI_InitStructure);
4.7
NVIC interrupt configuration
This section explains how to configure the NVIC interrupts (IRQ).
STM32F1 series
In STM32F1 series, the NVIC supports:
up to 68 interrupts (68 ex. Core IT
A programmable priority level of 0-15 for each interrupt (4 bits of interrupt priority are
used). A higher level corresponds to a lower priority; level 0 is the highest interrupt
priority.
Grouping of priority values into group priority and sub priority fields.
Dynamic changing of priority levels.
The Cortex-M3 exceptions are managed by CMSIS functions:
Enabling and configuration of the preemption priority and sub priority of the selected
IRQ channels according to the Priority grouping configuration.
STM32F3 series
In STM32F3 series, the NVIC supports:
Up to 66 interrupts
16 programmable priority levels.
The priority level of an interrupt should not be changed after it is enabled.
The Cortex-M4 exceptions are managed by CMSIS functions:
Enabling and configuration of the priority of the selected IRQ channels. The priority
ranges between 0 and 15. Lower priority values give a higher priority.
The table below gives the MISC driver API correspondence between STM32F10x and
STM32F3xx Libraries.
Table 22. STM32F10x and STM32F3xx MISC driver API correspondence
STM32F10x MISC Driver API
STM32F3xx MISC Driver API
void NVIC_Init(NVIC_InitTypeDef*
NVIC_InitStruct);
void NVIC_Init(NVIC_InitTypeDef* NVIC_InitStruct);
void NVIC_SystemLPConfig(uint8_t
LowPowerMode, FunctionalState NewState);
void NVIC_SystemLPConfig(uint8_t
LowPowerMode, FunctionalState NewState);
void SysTick_CLKSourceConfig(uint32_t
SysTick_CLKSource);
void SysTick_CLKSourceConfig(uint32_t
SysTick_CLKSource);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com