Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4635 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4635
Description  Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4635 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4635 Datasheet HTML 3Page - STMicroelectronics AN4635 Datasheet HTML 4Page - STMicroelectronics AN4635 Datasheet HTML 5Page - STMicroelectronics AN4635 Datasheet HTML 6Page - STMicroelectronics AN4635 Datasheet HTML 7Page - STMicroelectronics AN4635 Datasheet HTML 8Page - STMicroelectronics AN4635 Datasheet HTML 9Page - STMicroelectronics AN4635 Datasheet HTML 10Page - STMicroelectronics AN4635 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
DocID027290 Rev 1
7/34
AN4635
Summary of features
33
2
Summary of features
The LPUART has less features compared to the USART, however it is able to operate using
less power and using the LSE clock more efficiently.
The main features for the two peripherals are summarized in Table 2.
The USART is also able to operate using LSE clock, the communication speed is limited to
4000 baud in case of oversampling by 8, 2000 baud when oversampling is by 16.
When using the LPUART, only the 32.768 kHz LSE clock is required to allow UART
communications up to 9600 baud with minimal energy consumption and very precise speed
setting allowed by the external crystal.
For higher speeds (for example the 57600 baud used for BT LE) the LPUART energy
efficiency advantage drops, but still remains measurable around 5% (see Section 6.9:
Higher communication speed).
This document focuses on communication at 9600 baud, common to many applications: the
efficiency advantage of LPUART is more pronounced when using wakeup from Stop at the
9600 baud speed setting.
Table 2. Comparison of features
Configuration
LPUART
USART
LSE 9600 baud option
+
-
Synchronous mode
-
+
IrDA SIR ENDEC block
-
+
Smartcard mode
-
+
Auto baud rate detection
-
+
Modbus communication
-
+
LIN mode
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com