Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4635 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4635
Description  Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4635 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4635 Datasheet HTML 8Page - STMicroelectronics AN4635 Datasheet HTML 9Page - STMicroelectronics AN4635 Datasheet HTML 10Page - STMicroelectronics AN4635 Datasheet HTML 11Page - STMicroelectronics AN4635 Datasheet HTML 12Page - STMicroelectronics AN4635 Datasheet HTML 13Page - STMicroelectronics AN4635 Datasheet HTML 14Page - STMicroelectronics AN4635 Datasheet HTML 15Page - STMicroelectronics AN4635 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Other considerations
AN4635
12/34
DocID027290 Rev 1
Additionally, in blocking mode, which requires the least CPU processing resources, it is
possible to take advantage of the low power run mode. This mode essentially bypasses the
main voltage regulator and powers the core with power consumption approximately another
25% lower than the range 3 of the main power regulator can achieve (Section 6.2).
But waking from Stop or Sleep mode brings the main regulator back on and considering the
current low clock speed (MSI range 1 at most) the core must immediately dedicate all
processing power to data reception. In practical terms the LPRUN is great for transmission
phase, but when waiting for data reception it is usually better to take advantage of the Stop
mode instead of keeping the CPU in LPRUN. It is however possible to put the main voltage
regulator temporarily to range 3 (it must be in range 2 when switch to LPRUN is done).
Changing configuration of main regulator is quicker than switching the regulator and less
likely to cause dropped bytes in incoming message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com