Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4635 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4635
Description  Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4635 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4635 Datasheet HTML 10Page - STMicroelectronics AN4635 Datasheet HTML 11Page - STMicroelectronics AN4635 Datasheet HTML 12Page - STMicroelectronics AN4635 Datasheet HTML 13Page - STMicroelectronics AN4635 Datasheet HTML 14Page - STMicroelectronics AN4635 Datasheet HTML 15Page - STMicroelectronics AN4635 Datasheet HTML 16Page - STMicroelectronics AN4635 Datasheet HTML 17Page - STMicroelectronics AN4635 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Power consumption comparison
AN4635
14/34
DocID027290 Rev 1
6
Power consumption comparison
All the pictures in this section show the detailed measurement of differently configured
STM32L0-Nucleo running the following routine, graphically illustrated in Figure 1:
1.
Run mode in waiting loop – showing the regular power consumption.
2.
Transmission of 100 byte message.
3.
Idle state 10 ms: Stop or Sleep mode waiting for reply (depending on configuration).
4.
Reception of the same 100 bytes.
5.
Compare the message to detect communication errors and go back to 1.
Figure 1. Test loop description
The device starts running full speed in the loop to showcase the regular power consumption
on its clock configuration. This is followed by approximately 100 ms of 9600 baud
transmission, then 10 ms of idle state, waiting for incoming reply. Only 2 measurements
feature the higher communication speed of 57600, where the communication phases 2 and
4 are significantly shorter. Receiving the reply then takes another 100 ms.
Both the transmission and reception usually consumes less power than the regular run
mode, as the device is configured to save power in short periods between single bytes of
the message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com