Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4635 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4635
Description  Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4635 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4635 Datasheet HTML 19Page - STMicroelectronics AN4635 Datasheet HTML 20Page - STMicroelectronics AN4635 Datasheet HTML 21Page - STMicroelectronics AN4635 Datasheet HTML 22Page - STMicroelectronics AN4635 Datasheet HTML 23Page - STMicroelectronics AN4635 Datasheet HTML 24Page - STMicroelectronics AN4635 Datasheet HTML 25Page - STMicroelectronics AN4635 Datasheet HTML 26Page - STMicroelectronics AN4635 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
DocID027290 Rev 1
23/34
AN4635
Power consumption comparison
33
Figure 8. Three different settings of peripheral clock divider
The power trace of the DMA operated example is different from the interrupt or blocking
mode code execution. There is a peak in half of the transmission, caused by the half
message interrupt. Then for half of the reply data reception the core stays in Sleep mode, it
is only active during the second half. Different arrangement is of course possible.
Table 10. Configurations - Clock divider
Curve in Figure 8
Black
Purple
Green
Idle mode between
transmissions
Stop
JTAG interface
OFF
Current average
over phases 2, 3 and 4
9.42 µA
9.16 µA
9.08 µA
Clock
250 kHz MSI
Voltage regulator
Range 3
AHB/APB ratio
1/1
1/4
1/8
ULP/FWU
+/+
Baud rate
9600
SW used
DMA operation (Com DMA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com