Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4635 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4635
Description  Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4635 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4635 Datasheet HTML 16Page - STMicroelectronics AN4635 Datasheet HTML 17Page - STMicroelectronics AN4635 Datasheet HTML 18Page - STMicroelectronics AN4635 Datasheet HTML 19Page - STMicroelectronics AN4635 Datasheet HTML 20Page - STMicroelectronics AN4635 Datasheet HTML 21Page - STMicroelectronics AN4635 Datasheet HTML 22Page - STMicroelectronics AN4635 Datasheet HTML 23Page - STMicroelectronics AN4635 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Power consumption comparison
AN4635
20/34
DocID027290 Rev 1
and received bytes the duty cycle makes it less prominent, at higher speeds the core
spends more time in low power state.
There is, of course, no observable difference during the Stop mode.
Figure 6. Core clock speed comparison
Table 8. Configurations - Core clock speed
Curve in Figure 6
Black
Green
Red
Idle mode between
transmissions
Stop
JTAG interface
OFF
Current average
over phases 2, 3 and 4
27.32 µA
9.39 µA
12.43 µA
Clock
2 MHz MSI
130 kHz MSI
500 kHz MSI
Voltage regulator
Range 3
AHB/APB ratio
1/1
ULP/FWU
+/+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com