Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4635 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4635
Description  Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4635 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4635 Datasheet HTML 24Page - STMicroelectronics AN4635 Datasheet HTML 25Page - STMicroelectronics AN4635 Datasheet HTML 26Page - STMicroelectronics AN4635 Datasheet HTML 27Page - STMicroelectronics AN4635 Datasheet HTML 28Page - STMicroelectronics AN4635 Datasheet HTML 29Page - STMicroelectronics AN4635 Datasheet HTML 30Page - STMicroelectronics AN4635 Datasheet HTML 31Page - STMicroelectronics AN4635 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Power consumption comparison
AN4635
28/34
DocID027290 Rev 1
6.11
Voltage regulator settings
Setting lower core voltage level is an easy and straightforward way to save energy.
In Figure 12 it is demonstrated that even with HSI clock the run mode can be significantly
more current-hungry just by changing the voltage.
Note that the setting has little or no influence on idle mode.
Figure 12. Comparison between voltage regulator settings
Baud rate
57600
SW used
Interrupt operation (Com IT)
Table 13. Configurations - HSI vs. MSI (continued)
Curve in Figure 11
Black
Red
Table 14. Configurations - Voltage regulator settings
Curve in Figure 12
Red
Black
Green
Idle mode between
transmissions
Sleep
JTAG interface
OFF
Current average
over phases 2, 3 and 4
70.31 µA
71.19 µA
71.84 µA
Clock
4 MHz HSI
Voltage regulator
Range 3
Range 2
Range 1
AHB/APB ratio
1/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com