Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4635 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4635
Description  Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4635 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4635 Datasheet HTML 20Page - STMicroelectronics AN4635 Datasheet HTML 21Page - STMicroelectronics AN4635 Datasheet HTML 22Page - STMicroelectronics AN4635 Datasheet HTML 23Page - STMicroelectronics AN4635 Datasheet HTML 24Page - STMicroelectronics AN4635 Datasheet HTML 25Page - STMicroelectronics AN4635 Datasheet HTML 26Page - STMicroelectronics AN4635 Datasheet HTML 27Page - STMicroelectronics AN4635 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Power consumption comparison
AN4635
24/34
DocID027290 Rev 1
6.8
ULP bit setting
The role of the ULP bit is to disconnect the internal voltage reference during Stop mode. The
power analysis screen-shot in Figure 9 illustrates that this setting (black line) achieves lower
power consumption in the Stop mode, but produces significant peaks when waking up
(compared to green trace without ULP).
The microcontroller waiting for incoming data in the ULP mode consumes approximately
0,8 µA compared to almost 3 µA without ULP mode, but if it wakes from idle mode too
frequently, the effect is negated by the voltage reference startup peaks.
Figure 9. ULP bit effect
Table 11. Configurations - ULP bit effect
Curve in Figure 9
Black
Green
Idle mode between
transmissions
Stop
JTAG interface
OFF
Current average
over phases 2, 3 and 4
16.29 µA
15.85 µA
Clock
500 kHz MSI
Voltage regulator
Range 3
AHB/APB ratio
1/1
ULP/FWU
+/+
-/-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com