Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4635 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4635
Description  Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4635 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4635 Datasheet HTML 7Page - STMicroelectronics AN4635 Datasheet HTML 8Page - STMicroelectronics AN4635 Datasheet HTML 9Page - STMicroelectronics AN4635 Datasheet HTML 10Page - STMicroelectronics AN4635 Datasheet HTML 11Page - STMicroelectronics AN4635 Datasheet HTML 12Page - STMicroelectronics AN4635 Datasheet HTML 13Page - STMicroelectronics AN4635 Datasheet HTML 14Page - STMicroelectronics AN4635 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
DocID027290 Rev 1
11/34
AN4635
Other considerations
33
due to delays in fetching instructions from the program memory and storing the data in the
memory. Usually it is better to slow down the system clock than to set an AHB prescaler
(Section 6.6).
Slowing down the APB limits the bandwidth between the LPUART peripheral and the core.
This is usually not a problem since the amount of data transferred is low. Especially in case
of DMA transfers it is not an issue. In case of CPU driven transfers the core may be stalled
waiting for the bus transfer to complete. This causes the overall energy budget for the
operation to increase in extreme cases. Also, if the bus transfer is not complete, the core is
prevented from going to a low power mode such as Stop or Sleep modes. In case of
LPUART example coming along with this AN it is usually safe to set a APB prescaler value
of 4 but higher values are likely to cause problems and provide no power consumption
advantage (Section 6.7).
4.3
Power configuration
This section deals with practical implications when configuring power modes for LPUART
communication, for complete information please read the dedicated section in RM0376.
4.3.1
Use of Stop and Sleep modes
It is a paradigm in embedded software that during the idle time the CPU should not run and
actively check on flags, but to switch to low power mode, suspend clock, and only resume
operation on external interrupt or event.
This is in case of ARM MCUs achieved by executing WFE or WFI instruction. The L series
of STM32 microcontrollers offer highly configurable selection of idle modes, summarized in
the table 24 of RM0376. The great advantage of LPUART is the ability to take advantage of
Stop mode when waiting for message reception (Section 6.1).
If application doesn’t use VREFINT frequently and spends most of the time in low power
mode, configure ultralow power mode with fast wakeup (ULP and FWU bit in PWR
configuration register). Even in applications that make some use of internal voltage
reference it may be interesting to switch it off and only check the startup time when
measurement is needed. However mind that VREFINT startup requires some additional
energy. For short periods of low power mode (i.e. Sleep mode between bytes typically) there
is no point turning it off and on again, the overall energy budget would grow.
Note:
Ultra-low power mode without fast wakeup is unable to keep the LPUART Tx register fed, or
to keep up with incoming data in blocking and interrupt mode, even with 9600 baud
communication speed.
In most cases it is also desirable to activate the Sleep mode between processing individual
bytes. In case or data reception even Stop mode is available (Section 6.4). This practice
offers great advantage at higher clock speeds, but at core clock speeds near the bare
minimum needed for communication it cannot be recommended. The overhead related to
putting device to Sleep mode and waking it causes a slight increase of power consumption
which is then not balanced by the very short time spent in low power mode (Section 6.2).
4.3.2
Run time configuration
The voltage regulator settings are very important. Use the core voltage scaling as much as
possible (see dedicated figure in RM0376). Switching from range 1 to range 3 is an easy
way to lower typical consumed power by more than 25% (Section 6.11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com