Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4635 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4635
Description  Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4635 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4635 Datasheet HTML 6Page - STMicroelectronics AN4635 Datasheet HTML 7Page - STMicroelectronics AN4635 Datasheet HTML 8Page - STMicroelectronics AN4635 Datasheet HTML 9Page - STMicroelectronics AN4635 Datasheet HTML 10Page - STMicroelectronics AN4635 Datasheet HTML 11Page - STMicroelectronics AN4635 Datasheet HTML 12Page - STMicroelectronics AN4635 Datasheet HTML 13Page - STMicroelectronics AN4635 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Other considerations
AN4635
10/34
DocID027290 Rev 1
4
Other considerations
For a complete overview of low power advantages please refer to the already mentioned
AN4445. Following recommendations are specific to our case and example.
4.1
GPIO configuration
Some GPIO settings may have great influence on power consumption while others do not.
The pins used for the UART communication lines should be configured to their alternate
function mode. It is not recommended to activate pull-ups if lowest possible power
consumption is the most important goal, however, in some applications it may be necessary
to improve the communication reliability. The speed setting has no consequences regarding
the power consumption.
Half-duplex mode, where applicable, may also lead to further power savings, however this
configuration is not addressed in this document.
Other pins, unused by the application, should be configured as analog inputs. The
developer should not forget to put the debug lines also to analog, once the application is
ready for deployment.
4.2
Clock configuration
For LPUART peripheral clock, LSE source is the choice to reach 9600 baud with wakeup
from Stop mode.
For system clock, in order to keep the power consumption low, try to avoid using the PLL.
Refer to the product datasheet for typical power consumptions for different clock
configurations.
4.2.1
Clock prescalers
The RCC module offers the possibility to tune down peripheral bus clocks, the AHB and
APB frequency (RCC_CFGR register).
Slowing the AHB brings significant power savings but in most cases it is not worth using.
The memory interface is also clocked with AHB. While power consumption with prescaler of
8 drops by approximately 50%, the processing capability of the system drops even more
Table 3. Clock options
Source
Advantages
Limitations
HSI
Ready to use high speed clock
Worst MHz / W ratio option
MSI
Easy and fast clock throttling from 65 kHz
to 4.2 MHz
Lowest overall power consumption when
clocked below 1 MHz
Clock is relatively unstable and imprecise
HSE
Potentially most power efficient at 1 MHz
and above.
Needs additional external component



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com