Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4635 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4635
Description  Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4635 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4635 Datasheet HTML 17Page - STMicroelectronics AN4635 Datasheet HTML 18Page - STMicroelectronics AN4635 Datasheet HTML 19Page - STMicroelectronics AN4635 Datasheet HTML 20Page - STMicroelectronics AN4635 Datasheet HTML 21Page - STMicroelectronics AN4635 Datasheet HTML 22Page - STMicroelectronics AN4635 Datasheet HTML 23Page - STMicroelectronics AN4635 Datasheet HTML 24Page - STMicroelectronics AN4635 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
DocID027290 Rev 1
21/34
AN4635
Power consumption comparison
33
6.6
Changing AHB divider ratio
Changing the AHB divider ratio leads to decreased power consumption since most of the
circuitry runs at lower frequency.
This is demonstrated in Figure 7, where the black line is the current absorption of the
example running at 1 MHz MSI clock, and the red line is the same code running with AHB
divider set to 4. If the clock can be directly configured to lower frequency, it is always better
to choose this option. The green line represents the same example, only the MSI oscillator
is set directly to 250 kHz. Proven by the difference between Sleep mode and run phase the
actual processing power is the same, but the solution without AHB divider is more efficient.
Use of the AHB divider only makes sense with external clock or if there is necessity to use
the HSI.
Figure 7. Lowering oscillator speed compared to AHB divider
Baud rate
9600
SW used
Blocking operation (Com Polling) with RXSLEEP and TXSLEEP defined
Table 8. Configurations - Core clock speed (continued)
Curve in Figure 6
Black
Green
Red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com