Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4635 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4635
Description  Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4635 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4635 Datasheet HTML 18Page - STMicroelectronics AN4635 Datasheet HTML 19Page - STMicroelectronics AN4635 Datasheet HTML 20Page - STMicroelectronics AN4635 Datasheet HTML 21Page - STMicroelectronics AN4635 Datasheet HTML 22Page - STMicroelectronics AN4635 Datasheet HTML 23Page - STMicroelectronics AN4635 Datasheet HTML 24Page - STMicroelectronics AN4635 Datasheet HTML 25Page - STMicroelectronics AN4635 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Power consumption comparison
AN4635
22/34
DocID027290 Rev 1
6.7
Different peripheral clock settings
DMA based communication was measured on three different APB clock divider settings, as
shown in Figure 8, where the black line represents current consumption with no divider, the
purple and green lines with divider set to 4 and to 8, respectively. Test with divider set to 16
is not included in the picture, as it would be difficult to distinguish it from the green one (and
the power savings are even more marginal in comparison).
Table 9. Configurations - AHB divider
Curve in Figure 7
Black
Green
Red
Idle mode between
transmissions
Stop
JTAG interface
OFF
Current average
over phases 2, 3 and 4
16.69 µA
9.75 µA
14.06 µA
Clock
1 MHz MSI
250 kHz MSI
1 MHz MSI
Voltage regulator
Range 3
AHB/APB ratio
1/1
4/1
ULP/FWU
+/+
Baud rate
9600
SW used
Blocking operation (Com Polling) with RXSLEEP and TXSLEEP defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com