Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4635 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4635
Description  Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4635 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4635 Datasheet HTML 25Page - STMicroelectronics AN4635 Datasheet HTML 26Page - STMicroelectronics AN4635 Datasheet HTML 27Page - STMicroelectronics AN4635 Datasheet HTML 28Page - STMicroelectronics AN4635 Datasheet HTML 29Page - STMicroelectronics AN4635 Datasheet HTML 30Page - STMicroelectronics AN4635 Datasheet HTML 31Page - STMicroelectronics AN4635 Datasheet HTML 32Page - STMicroelectronics AN4635 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
DocID027290 Rev 1
29/34
AN4635
Power consumption comparison
33
6.12
GPIO Pull-up
Figure 13 demonstrates the energetic costs of enabling the GPIO pull-up, in this case on the
transmission line. Black line refers to internal GPIO pull-up enabled, red line to no pull-up.
It is clearly visible that no other phases are affected by extra power consumption.
Figure 13. GPIO internal pull-up
Baud rate
9600
SW used
DMA operation (Com DMA)
Table 14. Configurations - Voltage regulator settings (continued)
Curve in Figure 12
Red
Black
Green
Table 15. Configurations - GPIO pull-up
Curve in Figure 13
Black
Red
Idle mode between
transmissions
Stop
JTAG interface
OFF
Current average
over phases 2, 3 and 4
19.48 µA
14.68 µA
Clock
250 kHz MSI
Voltage regulator
Range 3
AHB/APB ratio
1/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com