Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4635 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4635
Description  Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4635 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4635 Datasheet HTML 15Page - STMicroelectronics AN4635 Datasheet HTML 16Page - STMicroelectronics AN4635 Datasheet HTML 17Page - STMicroelectronics AN4635 Datasheet HTML 18Page - STMicroelectronics AN4635 Datasheet HTML 19Page - STMicroelectronics AN4635 Datasheet HTML 20Page - STMicroelectronics AN4635 Datasheet HTML 21Page - STMicroelectronics AN4635 Datasheet HTML 22Page - STMicroelectronics AN4635 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
DocID027290 Rev 1
19/34
AN4635
Power consumption comparison
33
Figure 5. Using the Stop during data reception
6.5
Different oscillator clock speeds
Using the MSI clock the application computing power and power consumption can be easily
tuned to imminent needs of the system. It is of course possible to change the clock settings
on the fly, during execution.
Figure 6 shows the test execution at 2 MHz (black line), 500 kHz (purple line) and 130 kHz
(green line). The difference is large, but using the Sleep mode between both transmitted
Table 7. Configurations - Stop during data reception
Curve in Figure 5
Black
Red
Idle mode between
transmissions
Stop
JTAG interface
OFF
Current average
5.70 µA (Rx only)
6.35 µA (Rx only)
Clock
4 MHz MSI
500 kHz MSI
Voltage regulator
Range 3
AHB/APB ratio
1/1
ULP/FWU
+/+
Baud rate
9600
SW used
Interrupt operation (Com IT) with defines RXSTOP and TXSLEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com