Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4635 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4635
Description  Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4635 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4635 Datasheet HTML 14Page - STMicroelectronics AN4635 Datasheet HTML 15Page - STMicroelectronics AN4635 Datasheet HTML 16Page - STMicroelectronics AN4635 Datasheet HTML 17Page - STMicroelectronics AN4635 Datasheet HTML 18Page - STMicroelectronics AN4635 Datasheet HTML 19Page - STMicroelectronics AN4635 Datasheet HTML 20Page - STMicroelectronics AN4635 Datasheet HTML 21Page - STMicroelectronics AN4635 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Power consumption comparison
AN4635
18/34
DocID027290 Rev 1
6.4
Going to Stop between received bytes
The LPUARTs ability to wake from Stop on external event leads to possibility to enter the
Stop mode even during pause between bytes in reception phase.
The best results comes with operational speeds slightly below the limit of voltage regulator
range 3, specifically 4 MHz MSI clock. In this way the interrupt overhead time is very short
and the MCU spends most of the time in Stop mode.
Lower speeds actually lead to slightly higher power consumption during reception. The
difference is not big, just around 10%. Yet still using polling and very slow clock setting the
power consumption can be even lower than this, but sacrificing the flexibility of serving any
other tasks.
Table 6. Configurations - Interrupt operation
Curve in Figure 4
Black
Red
Idle mode between
transmissions
Stop
JTAG interface
OFF
Current average
over phases 2, 3 and 4
14.47 µA
9.75 µA
Clock
250 kHz MSI
Voltage regulator
Range 3
AHB/APB ratio
1/1
ULP/FWU
+/+
Baud rate
9600
SW used
Interrupt operation (Com IT)
with defines RXSLEEP
and TXSLEEP
Blocking operation (Com Polling)
with defines RXSLEEP
and TXSLEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com