Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4635 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4635
Description  Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4635 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4635 Datasheet HTML 21Page - STMicroelectronics AN4635 Datasheet HTML 22Page - STMicroelectronics AN4635 Datasheet HTML 23Page - STMicroelectronics AN4635 Datasheet HTML 24Page - STMicroelectronics AN4635 Datasheet HTML 25Page - STMicroelectronics AN4635 Datasheet HTML 26Page - STMicroelectronics AN4635 Datasheet HTML 27Page - STMicroelectronics AN4635 Datasheet HTML 28Page - STMicroelectronics AN4635 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
DocID027290 Rev 1
25/34
AN4635
Power consumption comparison
33
6.9
Higher communication speed
While no advanced power saving features of the LPUART can be used on higher
communication speeds (as compared with regular USART peripheral), still the LPUART
simpler circuitry will result in lower power consumption (red line) compared to a full featured
USART (black line), see Figure 10.
Figure 10. Operating at 57600 baud
Baud rate
9600
SW used
Interrupt operation (Com IT) with defines RXSTOP and TXSLEEP
Table 11. Configurations - ULP bit effect (continued)
Curve in Figure 9
Black
Green
Table 12. Configurations - Higher communication speed
Curve in Figure 10
Black
Red
Idle mode between
transmissions
Stop
JTAG interface
ON
Current average
over phases 2, 3 and 4
20.45 µA
19.05 µA
Clock
4 MHz MSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com