Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3853 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3853_15 Datasheet HTML 3Page - Linear Technology LTC3853_15 Datasheet HTML 4Page - Linear Technology LTC3853_15 Datasheet HTML 5Page - Linear Technology LTC3853_15 Datasheet HTML 6Page - Linear Technology LTC3853_15 Datasheet HTML 7Page - Linear Technology LTC3853_15 Datasheet HTML 8Page - Linear Technology LTC3853_15 Datasheet HTML 9Page - Linear Technology LTC3853_15 Datasheet HTML 10Page - Linear Technology LTC3853_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTC3853
7
3853fc
For more information www.linear.com/LTC3853
TYPICAL PERFORMANCE CHARACTERISTICS
TK/SS Pull-Up Current
vs Temperature
Shutdown (RUN) Threshold
vs Temperature
Regulated Feedback Voltage
vs Temperature
Oscillator Frequency
vs Temperature
Undervoltage Lockout Threshold
(INTVCC) vs Temperature
Oscillator Frequency
vs Input Voltage
TEMPERATURE (°C)
3853 G17
–60 –40 –20
20 40
80 100
140
1.30
1.35
1.40
1.45
1.50
1.60
0
60
120
160
1.55
TEMPERATURE (°C)
0.9
1.0
1.1
1.2
1.3
1.4
ON
3853 G18
OFF
–60 –40 –20
20 40
80 100
140
0
60
120
160
TEMPERATURE (°C)
806
804
802
800
798
796
794
3853 G19
–60 –40 –20
20 40
80 100
140
0
60
120
160
–60 –40 –20
20 40
80 100
140
0
60
120
160
TEMPERATURE (°C)
600
700
900
3853 G20
500
400
300
200
800
VFREQ = INTVCC
VFREQ = 1.2V
VFREQ = 0V
TEMPERATURE (°C)
–50
3.75
4.00
4.25
25
75
150
3853 G21
3.50
3.25
3.00
–25
0
50
100 125
RISING
FALLING
INPUT VOLTAGE (V)
5
400
450
25
3853 G22
350
300
10
15
20
500
Shutdown Current
vs Input Voltage
Shutdown Current
vs Temperature
Quiescent Current
vs Temperature Without EXTVCC
INPUT VOLTAGE (V)
5
40
50
25
3853 G23
30
20
10
15
20
60
TEMPERATURE (°C)
3853 G24
–60 –40 –20
20 40
80 100
140
20
25
30
35
40
60
0
60
120
160
50
45
55
TEMPERATURE (°C)
3853 G25
–60 –40 –20
20 40
80 100
140
3.0
3.5
4.0
4.5
5.0
6.0
0
60
120
160
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com