Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3853 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 3 Page - Linear Technology

  LTC3853_15 Datasheet HTML 1Page - Linear Technology LTC3853_15 Datasheet HTML 2Page - Linear Technology LTC3853_15 Datasheet HTML 3Page - Linear Technology LTC3853_15 Datasheet HTML 4Page - Linear Technology LTC3853_15 Datasheet HTML 5Page - Linear Technology LTC3853_15 Datasheet HTML 6Page - Linear Technology LTC3853_15 Datasheet HTML 7Page - Linear Technology LTC3853_15 Datasheet HTML 8Page - Linear Technology LTC3853_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTC3853
3
3853fc
For more information www.linear.com/LTC3853
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 3), VIN = 15V, VRUN1,2,3 = 5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loops
Output Voltage Range
Channels 1, 2
0.8
5.5
V
Channel 3
0.8
13.5
V
VFB1,2,3
Regulated Feedback Voltage
ITH1,2,3 Voltage = 1.2V, –55°C to 150°C (Note 4)
ITH1,2,3 Voltage = 1.2V, –40°C to 125°C (Note 4)
ITH1,2,3 Voltage = 1.2V, 0°C to 85°C (Note 4)
l
l
0.790
0.792
0.794
0.800
0.800
0.800
0.810
0.808
0.806
V
V
V
Feedback Current
(Note 4)
–10
–50
nA
Reference Voltage Line Regulation
VIN = 6V to 24V (Note 4)
0.002
0.02
%/V
Output Voltage Load Regulation
(Note 4)
Measured in Servo Loop;
DITH Voltage = 1.2V to 0.7V
Measured in Servo Loop;
DITH Voltage = 1.2V to 1.6V
l
l
0.01
–0.01
0.1
–0.1
%
%
Transconductance Amplifier gm
ITH1,2,3 = 1.2V, Sink/Source 5µA (Note 4)
2.2
mmho
IQ
Input DC Supply Current
Normal Mode
Shutdown
(Note 5)
VIN = 15V
VRUN1,2,3 = 0V
4.1
42
70
mA
µA
UVLO
Undervoltage Lockout on INTVCC
VINTVCC Ramping Down
3.35
V
UVLO Hysteresis
0.5
V
Feedback Overvoltage Lockout
Measured at VFB1,2,3 (H-Grade, MP-Grade)
Measured at VFB1,2,3
l
l
0.84
0.84
0.86
0.86
0.89
0.88
V
V
ISENSE
Sense Pin Current
VSENSE = 3.3V
±1
±2
µA
Soft-Start Charge Current
VTK/SS1,2,3 = 0V
0.9
1.3
1.7
µA
VRUN1,2,3
RUN Pin ON Threshold
VRUN1, VRUN2, VRUN3 Rising
l
1.1
1.2
1.35
V
RUN Pin Hysteresis
80
mV
Maximum Current Sense Threshold
ITH1,2,3 = 1.85V, VSENSE1,2,3 = 3.3V, ILIM = 0V
ITH1,2,3 = 1.85V, VSENSE1,2,3 = 3.3V, ILIM = 0V (H-, MP-
Grade)
l
l
22
21
30
30
38
39
mV
mV
ITH1,2,3 = 1.85V, VSENSE1,2,3 = 3.3V, ILIM = Float
ITH1,2,3 = 1.85V, VSENSE1,2,3 = 3.3V, ILIM = Float (H-, MP-
Grade)
l
l
42
41
50
50
58
59
mV
mV
ITH1,2,3 = 1.85V, VSENSE1,2,3 = 3.3V, ILIM = INTVCC
ITH1,2,3 = 1.85V, VSENSE1,2,3 = 3.3V, ILIM = INTVCC (H-,
MP-Grade)
l
l
65
64
75
75
85
86
mV
mV
Maximum Duty Factor
In Dropout
97
98
%
TG Driver Pull-Up On-Resistance
TG High
2.6
Ω
TG Driver Pull-Down On-Resistance
TG Low
1.5
Ω
BG Driver Pull-Up On-Resistance
BG High
2.4
Ω
BG Driver Pull-Down On-Resistance
BG Low
1.1
Ω
TG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
25
ns
ns
BG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
25
ns
ns
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
(Note 6)
CLOAD = 3300pF Each Driver
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com