Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3853 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC3853_15 Datasheet HTML 27Page - Linear Technology LTC3853_15 Datasheet HTML 28Page - Linear Technology LTC3853_15 Datasheet HTML 29Page - Linear Technology LTC3853_15 Datasheet HTML 30Page - Linear Technology LTC3853_15 Datasheet HTML 31Page - Linear Technology LTC3853_15 Datasheet HTML 32Page - Linear Technology LTC3853_15 Datasheet HTML 33Page - Linear Technology LTC3853_15 Datasheet HTML 34Page - Linear Technology LTC3853_15 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
LTC3853
31
3853fc
For more information www.linear.com/LTC3853
Figure 15. Triple 2.5V/1.8V/3.3V 5A Step-Down Converter with RSENSE, fSW = 500kHz
TG1
TG2
BOOST1,2,3
SW1
SW2
BG1
BG2
SENSE1+
SENSE2+
SENSE1–
SENSE2–
VFB1
VFB2
ITH1,2,3
VIN
INTVCC
DRVCC12
LTC3853
MODE/PLLIN
20k
1%
FREQ/PLLFLTR
ILIM
PGND
PGOOD12
SGND
EXTVCC
TK/SS1,2,3
VFB3
SENSE3–
SENSE3+
SW3
TG3
BG3
RUN1,2,3
PGOOD3
10*
10*
20k
1%
3.16k
24.9k
1%
4.7µF
10k
INTVCC
VOUT1
2.5V
5A
VOUT2
1.8V
5A
20k
1%
0.008
5%
VOUT3
3.3V
5A
VIN
7V TO 24V
CITH1,2,3
RITH1,2,3
1000pF*
220µF
4V
M1, M2, M3: Si4816BDY
CHANNEL 1: RITH1 = 18k, CITH1 = 1500pF, CP1 = 220pF
CHANNEL 2: RITH2 = 12k, CITH2 = 1500pF, CP2 = 220pF
CHANNEL 3: RITH3 = 18k, CITH3 = 1500pF, CP3 = 220pF
CP1,2,3
33µF
35V
CSS1,2,3
0.1µF
*THESE FILTER COMPONENTS NEED TO BE CLOSE TO THE IC
1000pF
1000pF*
1000pF*
10*
10*
1.5µH
1.5µH
2.2µH
10pF
CB1,2,3 0.1µF
SW1,2,3
DB1,2,3
M2
M1
M3
10*
+
220µF
4V
+
220µF
4V
3853 F15
+
63.4k
1%
10*
43.2k
1%
0.008
5%
10pF
0.008
5%
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com