Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3853 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC3853_15 Datasheet HTML 26Page - Linear Technology LTC3853_15 Datasheet HTML 27Page - Linear Technology LTC3853_15 Datasheet HTML 28Page - Linear Technology LTC3853_15 Datasheet HTML 29Page - Linear Technology LTC3853_15 Datasheet HTML 30Page - Linear Technology LTC3853_15 Datasheet HTML 31Page - Linear Technology LTC3853_15 Datasheet HTML 32Page - Linear Technology LTC3853_15 Datasheet HTML 33Page - Linear Technology LTC3853_15 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
LTC3853
30
3853fc
For more information www.linear.com/LTC3853
For channel 1, the DCRSENSE filter/divider values are:
R1
=
R1||R2
RD
=
1100
Ω
0.23
≅ 4.75k;
R2
=
R1• RD
1
−RD
=
4.75k • 0.23
1
− 0.23
≅ 1430Ω
The power loss in R1 at the maximum input voltage is:
PLOSSR1=
(VIN(MAX) − VOUT)• VOUT
R1
=
(20V
− 5V) • 5V
4.75k
= 15.8mW
The respective values for Channel 2 are R1 = 4.75k, R2 =
1430Ω; and PLOSSR1 = 11.6mW. And for Channel 3 are
R1 = 2.21k, R2 = 1.82k; and PLOSSR1 = 10.2mW.
BurstModeoperationischosenforhighlightloadefficiency
(Figure 14) by floating the MODE/PLLIN pin. Power loss
due to the DCR sensing network is slightly higher at light
loads than would have been the case with a suitable sense
resistor (9mΩ). At heavier loads, DCR sensing provides
higher efficiency.
ThepowerdissipationonthetopsideMOSFETcanbeeasily
estimated. Choosing a Siliconix Si4816BDY dual MOSFET
results in: RDS(ON) = 0.023Ω/0.016Ω, CMILLER @ 100pF.
At maximum input voltage with T(estimated) = 50°C:
PMAIN =
5V
20V
5
( )2 1+(0.005)(50°C – 25°C)
[
]•
0.023
Ω
(
)+ 20V
( )2 5A
2


2
Ω
( ) 100pF
(
)•
1
5 – 2.3
+
1
2.3


500kHz
(
) = 243mW
A short-circuit to ground will result in a folded back cur-
rent of:
ISC =
1/ 3
( )75mV
0.009
Ω
–
1
2
90ns(20V)
3.3
µH


= 2.5A
with a typical value of RDS(ON) and d = (0.005/°C)(25)
= 0.125. The resulting power dissipated in the bottom
MOSFET is:
PSYNC =
20V – 5V
20V
2.5A
(
)2 1.125
(
) 0.016Ω
(
)
= 84mW
which is less than under full-load conditions.
CIN is chosen for an RMS current rating of at least 2A at
temperature assuming only one channel is on. COUT is
chosen with an ESR of 0.02Ω for low output ripple. The
output ripple in continuous mode will be highest at the
maximum input voltage. The output voltage ripple due to
ESR is approximately:
VORIPPLE = RESR (DIL) = 0.02Ω(1.5A) = 30mVP-P
Figure 14. Design Example Efficiency vs Load
APPLICATIONS INFORMATION
LOAD CURRENT (A)
0.01
70
80
90
0.1
1
10
60
50
40
100
0.1
1
0.01
10
3853 F14
EFFICIENCY
POWER LOSS
DCR
9m
DCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com