Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3853 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 4 Page - Linear Technology

  LTC3853_15 Datasheet HTML 1Page - Linear Technology LTC3853_15 Datasheet HTML 2Page - Linear Technology LTC3853_15 Datasheet HTML 3Page - Linear Technology LTC3853_15 Datasheet HTML 4Page - Linear Technology LTC3853_15 Datasheet HTML 5Page - Linear Technology LTC3853_15 Datasheet HTML 6Page - Linear Technology LTC3853_15 Datasheet HTML 7Page - Linear Technology LTC3853_15 Datasheet HTML 8Page - Linear Technology LTC3853_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC3853
4
3853fc
For more information www.linear.com/LTC3853
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The junction temperature, TJ, is calculated from the ambient
temperature TA and power dissipation PD according to the following
formulas:
LTC3853UJ: TJ = TA + (PD • 33°C/W)
Note 3: The LTC3853 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3853E is guaranteed to meet performance specifications
from 0°C to 85°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3853I is guaranteed over the –40°C to 125°C operating junction
temperature range. The LTC3853H is guaranteed over the –40°C to 150°C
operating junction temperature range and the LTC3853MP is tested and
The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 3), VIN = 15V, VRUN1,2,3 = 5V, unless otherwise noted.
guaranteed over the –55°C to 150°C operating junction temperature range.
High junction temperatures degrade operating lifetimes; operating lifetime
is derated for junction temperatures greater than 125°C. The maximum
ambient temperature consistent with these specifications is determined by
specific operating conditions in conjunction with board layout, the rated
package thermal resistance and other environmental factors.
Note 4: The LTC3853 is tested in a feedback loop that servos VITH1,2,3 to a
specified voltage and measures the resultant VFB1,2,3.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See the Applications Information
section.
Note 6: Rise and fall times are measured using 10% and 90% levels.
Delay times are measured using 50% levels.
Note 7: The minimum on-time condition is specified for an inductor
peak-to-peak ripple current ≥40% of IMAX (see Minimum On-Time
Considerations in the Applications Information section).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
(Note 6)
CLOAD = 3300pF Each Driver
30
ns
tON(MIN)
Minimum On-Time
(Note 7)
90
ns
INTVCC Linear Regulator
VINTVCC
Internal VCC Voltage
7V < VIN < 24V
4.8
5
5.2
V
INTVCC Load Regulation
ICC = 0mA to 50mA
0.5
2
%
VEXTVCC
EXTVCC Switchover Voltage
EXTVCC Ramping Positive
l
4.5
4.7
V
EXTVCC Voltage Drop
ICC = 20mA, VEXTVCC = 5V
30
75
mV
EXTVCC Hysteresis
200
mV
Oscillator and Phase-Locked Loop
Nominal Frequency
VFREQ = 1.2V
450
500
550
kHz
Lowest Frequency
VFREQ = 0V
210
250
290
kHz
Highest Frequency
VFREQ ≥ 2.4V
670
750
830
kHz
Channel 2-Channel 1 Phase
Channel 3-Channel 2 Phase
Channel 1-Channel 3 Phase
120
120
120
Deg
Deg
Deg
Channel 2-Channel 1 Phase
Channel 3-Channel 2 Phase
Channel 1-Channel 3 Phase
VFB2 Tied to VIN Through 200kΩ
180
60
120
Deg
Deg
Deg
MODE/PLLIN Input Resistance
250
kΩ
IFREQ
Phase Detector Output Current
Sinking Capability
Sourcing Capability
fMODE < fOSC
fMODE > fOSC
–13
13
µA
µA
PGOOD Outputs
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
±2
µA
PGOOD Trip Level
VFB with Respect to Set Regulated Voltage
VFB Ramping Negative
VFB Ramping Positive
–5
5
–7.5
7.5
–10
10
%
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com