Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3853 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3853_15 Datasheet HTML 18Page - Linear Technology LTC3853_15 Datasheet HTML 19Page - Linear Technology LTC3853_15 Datasheet HTML 20Page - Linear Technology LTC3853_15 Datasheet HTML 21Page - Linear Technology LTC3853_15 Datasheet HTML 22Page - Linear Technology LTC3853_15 Datasheet HTML 23Page - Linear Technology LTC3853_15 Datasheet HTML 24Page - Linear Technology LTC3853_15 Datasheet HTML 25Page - Linear Technology LTC3853_15 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
LTC3853
22
3853fc
For more information www.linear.com/LTC3853
dual or triple controller design. Also, the input protection
fuse resistance, battery resistance, and PC board trace
resistance losses are also reduced due to the reduced
peak currents in a 3-phase system. The overall benefit of
a multiphase design will only be fully realized when the
source impedance of the power supply/battery is included
in the efficiency testing. The sources of the top MOSFETs
should be placed within 1cm of each other and share a
common CIN(s). Separating the sources and CIN may pro-
duce undesirable voltage and current resonances at VIN.
A small (0.1µF to 1µF) bypass capacitor between the chip
VIN pin and ground, placed close to the LTC3853, is also
suggested.A2.2Ωto10ΩresistorplacedbetweenCINand
theVINpinprovidesfurtherisolationbetweenthechannels.
The selection of COUT is driven by the effective series
resistance (ESR). Typically, once the ESR requirement
is satisfied, the capacitance is adequate for filtering. The
output ripple (
DVOUT) is approximated by:
∆VOUT ≈IRIPPLE ESR +
1
8fCOUT


where f is the operating frequency, COUT is the output
capacitance and IRIPPLE is the ripple current in the induc-
tor. The output ripple is highest at maximum input voltage
since IRIPPLE increases with input voltage.
Setting Output Voltage
The LTC3853 output voltages are each set by an external
feedback resistive divider carefully placed across the out-
put, as shown in Figure 9. The regulated output voltage
is determined by:
VOUT = 0.8V • 1+
RB
RA


To improve the frequency response, a feed-forward ca-
pacitor, CFF, may be used. Great care should be taken to
route the VFB line away from noise sources, such as the
inductor or the SW line.
Figure 9. Setting Output Voltage
APPLICATIONS INFORMATION
1/3 LTC3853
VFB
VOUT
RB
CFF
RA
3853 F09
Fault Conditions: Current Limit and Current Foldback
The LTC3853 includes current foldback to help limit load
current when the output is shorted to ground. If the out-
put falls below 50% of its nominal output level, then the
maximum sense voltage is progressively lowered from its
maximumprogrammedvaluetoone-thirdofthemaximum
value. Foldback current limiting is disabled during the
soft-start or tracking up. Under short-circuit conditions
with very low duty cycles, the LTC3853 will begin cycle
skipping in order to limit the short-circuit current. In this
situation the bottom MOSFET will be dissipating most of
the power but less than in normal operation. The short-
circuit ripple current is determined by the minimum on-
time tON(MIN) of the LTC3853 (≈ 90ns), the input voltage
and inductor value:
∆IL(SC) = tON(MIN) •
VIN
L
The resulting short-circuit current is:
ISC =
1/3 VSENSE(MAX)
RSENSE
–
1
2
∆IL(SC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com