Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3853 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC3853_15 Datasheet HTML 15Page - Linear Technology LTC3853_15 Datasheet HTML 16Page - Linear Technology LTC3853_15 Datasheet HTML 17Page - Linear Technology LTC3853_15 Datasheet HTML 18Page - Linear Technology LTC3853_15 Datasheet HTML 19Page - Linear Technology LTC3853_15 Datasheet HTML 20Page - Linear Technology LTC3853_15 Datasheet HTML 21Page - Linear Technology LTC3853_15 Datasheet HTML 22Page - Linear Technology LTC3853_15 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
LTC3853
19
3853fc
For more information www.linear.com/LTC3853
Figure 7. Equivalent Input Circuit of Error Amplifier
Figure 5. Two Different Modes of Output Voltage Tracking
Figure 6. Setup for Coincident and Ratiometric Tracking
APPLICATIONS INFORMATION
TIME
(5a) Coincident Tracking
VOUT1
VOUT2
3853 F05a
VOUT1
VOUT2
TIME
3853 F05b
(5b) Ratiometric Tracking
R3
R1
R4
R2
R3
VOUT2
R4
(6a) Coincident Tracking Setup
TO
VFB1
PIN
TO
TK/SS2
PIN
TO
VFB2
PIN
VOUT1
R1
R2
R3
VOUT2
R4
3853 F06
(6b) Ratiometric Tracking Setup
TO
VFB1
PIN
TO
TK/SS2
PIN
TO
VFB2
PIN
VOUT1
–
+
I
I
D1
TK/SS2
0.8V
VFB2
D2
D3
3853 F07
EA2
coincident mode, the TK/SS voltage is substantially higher
than 0.8V at steady state and effectively turns off D1. D2
and D3 will therefore conduct the same current and offer
tight matching between VFB2 and the internal precision
0.8V reference. In the ratiometric mode, however, TK/SS
equals 0.8V at steady state. D1 will divert part of the bias
current to make VFB2 slightly lower than 0.8V.
Although this error is minimized by the exponential I-V
characteristic of the diode, it does impose a finite amount
of output voltage deviation. Furthermore, when the master
channel’s output experiences dynamic excursion (under
load transient, for example), the slave channel output will
be affected as well. For better output regulation, use the
coincident tracking mode instead of ratiometric.
INTVCC Regulators and EXTVCC
TheLTC3853featuresanNPNlinearregulatorthatsupplies
power to INTVCC from the VIN supply. INTVCC powers the
gate drivers and much of the LTC3853’s internal circuitry.
The linear regulator regulates the voltage at the INTVCCpin
to 5V when VIN is greater than 6.5V. EXTVCC connects to
INTVCC through a P-channel MOSFET and can supply the
needed power when its voltage is higher than 4.7V. Each
of these can supply a peak current of 150mA and must
be bypassed to ground with a minimum of 1µF ceramic
capacitor or low ESR electrolytic capacitor. No matter
what type of bulk capacitor is used, an additional 0.1µF
ceramic capacitor placed directly adjacent to the INTVCC
and PGND pins is highly recommended. Good bypassing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com